Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4468 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 4468
Description  1.5 WATT GLASS ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

4468 Datasheet(HTML) 1 Page - Microsemi Corporation

  4468 Datasheet HTML 1Page - Microsemi Corporation 4468 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 4468

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
4468 CENTRAL-4468 Datasheet
92Kb / 2P
1.5 WATT ZENER DIODE
logo
New Jersey Semi-Conduct...
4468 NJSEMI-4468 Datasheet
133Kb / 1P
DO-41 Package
logo
Heyco.
4468 HEYCO-4468 Datasheet
93Kb / 1P
HEYConnect™ Terminal Bushings
logo
Alpha & Omega Semicondu...
4468 AOSMD-4468 Datasheet
556Kb / 6P
100V Dual N-Channel MOSFET
logo
Adafruit Industries
4468 ADAFRUIT-4468 Datasheet
919Kb / 2P
Miniature 5V Cooling Fan with Molex PicoBlade Connector
2-10-20
More results

Similar Description - 4468

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6485 CDI-DIODE-1N6485 Datasheet
107Kb / 2P
1.5 WATT ZENER DIODES
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
1.5 WATT ZENER DIODES
logo
Microsemi Corporation
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
SILICON 1.5 WATT ZENER DIODES
JANS1N6490US MICROSEMI-JANS1N6490US Datasheet
130Kb / 2P
1.5 WATT ZENER DIODES
1N6485 MICROSEMI-1N6485 Datasheet
130Kb / 2P
1.5 WATT ZENER DIODES
1N5913BG MICROSEMI-1N5913BG Datasheet
227Kb / 3P
Axial-Leaded 1.5 Watt Zener Diodes
1N5913BP MICROSEMI-1N5913BP Datasheet
226Kb / 3P
Axial-Leaded 1.5 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
1N5913B NJSEMI-1N5913B Datasheet
125Kb / 1P
SILICON 1.5 WATT ZENER DIODES
logo
Microsemi Corporation
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
logo
Continental Device Indi...
1N4477 CDIL-1N4477 Datasheet
81Kb / 3P
SILICON GLASS PASSIVATED 1.5 WATT ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com