Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLL755A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MLL755A
Description  LEADLESS GLASS ZENER DIODE SURFACE MOUNT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MLL755A Datasheet(HTML) 1 Page - Microsemi Corporation

  MLL755A Datasheet HTML 1Page - Microsemi Corporation MLL755A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSC0291.PDF 04-20-00
8700 E. Thomas Road
Scottsdale, AZ 85252
Phone: (480) 941-6300
Fax:
(480) 947-1503
MLL746A,-1 thru MLL759A,-1
and
MLL4370A,-1 thru MLL4372A,-1
±1% and ±2% Versions
“C” and “D” Available
Features
•
Leadless Package For Surface Mount Technology
•
Ideal For High Density Mounting
•
Voltage Range 2.4 To 12 Volts
•
Hermetically Sealed, Double Slug Glass Construction
•
Metallurgically Bonded Construction Available as Dash One.
•
Available in JAN, JTX, JTXV-1 To Mil-PRF-19500/127 (UR-1 Suffix)
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
3.30
3.70
.130
.146
B
1.60
1.70
.063
.067
U
0.41
0.55
.016
.022
LEADLESS GLASS
ZENER DIODE
SURFACE MOUNT
Mechanical
Characteristics
Case: Hermetically sealed glass with solder
contact tabs at each end.
Finish: All external surfaces are corrosion
resistant, readily solderable.
Polarity: Banded end is cathode.
Thermal Resistance: 100
°C/Watt Maximum
junction to end caps for "-1" construction and
150
°C/W maximum junction to end caps for
commercial.
Mounting Position: Any
Weight: 0.04 gm
Maximum Ratings
500 mW DC Power Dissipation (See Power Derating Curve In Figure 1)
-55
°C to +175°C Operating and Storage Junction Temperature
Application
This surface mountable zener diode series is similar to the 1N746 thru
1N759 in the DO-35 equivalent package except that it meets the new
JEDEC surface mount outline DO-213AA. It is an ideal selection for
applications of high density and low parasitic requirements. Due to its
glass hermetic qualities, it may also be considered for high reliability
applications.
Electrical Characteristics @ 25
°C
MICROSEMI
PART
NUMBER
NOMINAL
ZENER
VOLTAGE
VZ @ IzT
(NOTE 1)
ZENER
TEST
CURRENT
IzT
MAXIMUM
ZENER
IMPEDANC
E
ZZT @ IZT
(NOTE 2)
MAXIMUM
REVERSE CURRENT
@ VR = 1 VOLT
@25
°°°°C
@ +150
°°°°C
MAXIMUM
ZENER
CURRENT
IZM
(NOTE 4)
TYPICAL
TEMP
COEFF. OF
ZENER
VOLTAGE
α
αα
α
VZ
**
VOLTS
mA
OHMS
µµµµA
µµµµA
mA
%/
°°°°C
MLL4370A
2.4
20
30
100
200
150
- .085
MLL4371A
2.7
20
30
75
150
135
- .080
MLL4372A
3.0
20
29
50
100
120
- .075
MLL746A
3.3
20
28
10
30
110
- .066
MLL747A
3.6
20
24
10
30
100
- .058
MLL748A
3.9
20
23
10
30
95
- .046
MLL749A
4.3
20
22
2
30
85
- .033
MLL750A
4.7
20
19
2
30
75
- .015
MLL751A
5.1
20
17
1
20
70
±±±±.010
MLL752A
5.6
20
11
1
20
65
+.030
MLL753A
6.2
20
7
.1
20
60
+.049
MLL754A
6.8
20
5
.1
20
55
+.053
MLL755A
7.5
20
6
.1
20
50
+.057
MLL756A
8.2
20
8
.1
20
45
+.060
MLL757A
9.1
20
10
.1
20
40
+.061
MLL758A
10.0
20
17
.1
20
35
+.062
MLL759A
12.0
20
30
.1
20
30
+.062
Note 1 Voltage measurements to be performed 20 seconds after application of dc
test current.
Note 2 Zener impedance derived by superimposing on IZT at 60 Hz rms ac current
equal to 10% IZT (2 mA ac).
Note 3 Allowance has been made for the increase in VZ due to ZZ and for the
increase in junction temperature as the unit approaches thermal equilibrium at the
power dissipation at 500 mW.
** Ordering Information:
1) Commercial: MLL746A thru MLL759A or MLL746A-1 thru MLL759A-1
MLL4370A thru MLL4372A or MLL4370A-1 thru MLL4372A-1
2) Military: JAN, JANTX, or JANTXV 1Nxxxx UR-1
3) Tight tolerance "C" suffix = ±2%, "D" suffix = ±1%
DO-213AA
Package Dimensions In Inches


Similar Part No. - MLL755A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
MLL755 FCI-MLL755 Datasheet
102Kb / 2P
2.4V to 110V MLL ZENER DIODES (1/2 Watt)
More results

Similar Description - MLL755A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL3821 MICROSEMI-MLL3821 Datasheet
91Kb / 2P
LEADLESS GLASS ZENER DIODES
MLL4099 MICROSEMI-MLL4099 Datasheet
83Kb / 2P
LEADLESS GLASS ZENER DIODES
MLL957B MICROSEMI-MLL957B Datasheet
72Kb / 3P
LEADLESS GLASS ZENER DIODE SURFACE MOUNT
MLL5225B MICROSEMI-MLL5225B Datasheet
93Kb / 2P
LEADLESS GLASS ZENER DIODES
CDLL5518 MICROSEMI-CDLL5518 Datasheet
113Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
logo
Diodes Incorporated
GDZ5V1LP3 DIODES-GDZ5V1LP3 Datasheet
94Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 12
GDZ8V2BLP3 DIODES-GDZ8V2BLP3_15 Datasheet
94Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 1
GDZ3V9LP3 DIODES-GDZ3V9LP3 Datasheet
212Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 16
GDZ2V7LP3 DIODES-GDZ2V7LP3 Datasheet
342Kb / 5P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 18
GDZ8V2BLP3 DIODES-GDZ8V2BLP3 Datasheet
93Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev. 1 - 2 February 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com