Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF545 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MRF545
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MRF545 Datasheet(HTML) 3 Page - Microsemi Corporation

  MRF545 Datasheet HTML 1Page - Microsemi Corporation MRF545 Datasheet HTML 2Page - Microsemi Corporation MRF545 Datasheet HTML 3Page - Microsemi Corporation MRF545 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSC1315.PDF 10-25-99
MRF545
FUNCTIONAL
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
G
U max
Maximum Unilateral Gain
IC = 50 mAdc, VCE = 25Vdc,
f = 200 MHz
-
14
-
dB
MAG
Maximum Available Gain
IC = 50 mAdc, VCE = 25Vdc,
f = 200 MHz
-
14.5
-
dB
|S21|
2
Insertion Gain
IC = 50 mAdc, VCE = 25Vdc,
f = 200 MHz
11.5
12.5
-
dB
Table 1. Common Emitter S-Parameters, @ VCE = 25 V, IC = 50 mA
f
S11
S21
S12
S22
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
100
0.139
-105
7.43
101
0.031
83
0.573
-19
200
0.162
-168
4.35
80
0.066
82
0.508
-23
300
0.522
130
1.7
75
0.113
85
0.493
-29
400
0.260
129
2.23
63
0.154
85
0.487
-43
500
0.275
133
1.74
54
0.188
71
0.445
-53
600
0.262
123
1.49
46
0.226
74
0.495
-69
700
0.333
118
0.951
45
0.925
75
0.456
-71
800
0.327
122
1.3
35
0.379
66
0.424
-85
900
0.517
97
1.21
30
0.402
61
0.393
-109
1000
0.463
115
1.07
27
0.437
63
0.375
-115



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com