Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF545 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MRF545
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MRF545 Datasheet(HTML) 1 Page - Microsemi Corporation

  MRF545 Datasheet HTML 1Page - Microsemi Corporation MRF545 Datasheet HTML 2Page - Microsemi Corporation MRF545 Datasheet HTML 3Page - Microsemi Corporation MRF545 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSC1315.PDF 10-25-99
MRF545
DESCRIPTION:
Designed primarily for use in high frequency and medium and high resolution color video display monitors as well as other
applications requiring high breakdown characteristics.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25
°C)
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
70
Vdc
VCBO
Collector-Base Voltage
100
Vdc
VEBO
Emitter-Base Voltage
3.0
Vdc
IC
Collector Current
400
mA
Thermal Data
P
D
Total Device Dissipation @ TA = 25ºC
Derate above 25ºC
3.5
20
Watts
mW/ ºC
Tstg
Storage Temperature Range
-65 to +200
ºC
1. Emitter
2. Base
3. Collector
TO-39
Features
• Silicon PNP, high Frequency, high breakdown, To-39 packaged,
Transistor
• Maximum Unilateral Gain = 14 dB (typ) @ f = 200 MHz
• High Collector Base Breakdown Voltage - BVCBO = 100 V (min)
• High FT - 1400 MHz
RF & MICROWAVE DISCRETE
LOW POWER TRANSISTORS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MRF545

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF545 ASI-MRF545 Datasheet
32Kb / 1P
PNP SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - MRF545

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6304 MICROSEMI-2N6304 Datasheet
86Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR91 MICROSEMI-BFR91 Datasheet
170Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF559 MICROSEMI-MRF559 Datasheet
208Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5812 MICROSEMI-MRF5812 Datasheet
173Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5943 MICROSEMI-MRF5943 Datasheet
174Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR91 ADPOW-BFR91 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF581 ADPOW-MRF581 Datasheet
282Kb / 6P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF544 ADPOW-MRF544 Datasheet
302Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com