Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM1350 Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM1350
Description  High Tone Quality Melody LSI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1350 Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM1350 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
SM1350 series
NIPPON PRECISION CIRCUITS—13
One-shot mode repeat function
In one-shot melody mode, the output repeats the
same melody while STN is LOW. When STN goes
HIGH, the output continues until the end of the
currently playing melody and then stops.
One-shot mode perpetual repeat function
If the score ROM end code is set to the jump code,
the melody will continue to play continuously once
one-shot mode starts.
STOP pin
One-shot output mode stops when STOP goes from
HIGH to LOW. The STOP input is ignored in level
hold output mode and is also ignored in one-shot
mode when STN is LOW. Note that even when
STOP is LOW, STN has higher priority.
CT pin
A pulse in sync with selected notes or rests is output
on CT. There are 2 modes for the output pulses—
pulse mode and hold mode.
Pulse mode
In pulse mode, a 16.4 ms pulse is output when a note
or rest occurs for which the corresponding CT data
in score ROM is set to 1.
Hold mode
In hold mode, the output pulse inverts when a note or
rest occurs for which the corresponding CT data in
score ROM is set to 1. The output goes LOW after
the start of a melody and when jumping to the
leading note of a melody.
Note: Refer to the "TIMING DIAGRAMS" section to confirm melody timing specifics
Figure 12. One-shot melody repeat timing
STN
Melody
Output
#N
#N
#N
Figure 13. CT pulse mode output
CT DATA
CT
1
0
11
1
0
16.4msec
Figure 14. CT hold mode output
CT DATA
CT
1
0
1
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com