Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2208 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS2208
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2208 Datasheet(HTML) 2 Page - Microsemi Corporation

  MS2208 Datasheet HTML 1Page - Microsemi Corporation MS2208 Datasheet HTML 2Page - Microsemi Corporation MS2208 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSC0926.PDF 10-09-98
MS2208
ELECTRICAL SPECIFICATIONS (
ELECTRICAL SPECIFICATIONS (Tcase = 25
Tcase = 25°°C)
C)
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
Bvebo
IE = 30 mA
IC=0 mA
3.0
---
---
V
Bvcbo
IC = 50 mA
IC=0 mA
70
---
---
V
Bvces
IC = 50 mA
VBE=0 V
70
---
---
V
Ices
VBE = 50 mA
VCE=50 V
---
---
40
mA
HFE
VCE = 5.0 V
IC=1 A
10
---
200
B
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
Pout
Pin = 70W
f=1090 MHz
VCC=50V
500
---
---
W
ηη
c
Pout
f=1090 MHz
VCC=50V
40
---
---
%
GP
Pout
f=1090 MHz
VCC=50V
8.5
---
---
dB
Load
Mismatch
Pout =500W Peak f=1090 MHz, Vcc=50V, VSWR=10:1, 10
µµsec, 1% Duty, VSWR=5:1, 32µµsec, 2% Duty
Conditions
Pulse width=32
µµsec, Duty Cycle= 2%
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
1030 MHz
4.35+ j 6.97
1.38- j 4.08
1090 MHz
4.38+ j 2.75
0.874- j 3.55
1120 MHz
4.69+ j 2.95
1.3- j 4.97
PIN=70W
VCC=50V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com