Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2208 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS2208
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2208 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS2208 Datasheet HTML 1Page - Microsemi Corporation MS2208 Datasheet HTML 2Page - Microsemi Corporation MS2208 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC0926.PDF 10-09-98
MS2208
DESCRIPTION:
DESCRIPTION:
THE MS2208 DEVICE IS A HIGH POWER CLASS C TRANSISTOR
SPECIFICALLY DESIGNED FOR L-BAND AVIONIC APPLICATIONS
INVOLVING HIGH PULSE BURST DUTY CYCLES. THE DEVICE IS
CAPABLE OF OPERATION OVER A WIDE RANGE OF PULSE
WIDTHS, DUTY CYCLES AND TEMPERATURES.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation* (TC
≤≤100ºC)
1360
W
IC
Device Current *
27
A
VCC
Collector Supply Voltage*
55
V
TJ
Junction Temperature
250
°°C
TSTG
Storage Temperature
-65 to +200
°°C
Thermal Data
Thermal Data
RTH(J-C)
Junction - Case Thermal Resistance
0.11
°°C/W
*Applies only to rated RF amplifier operation
Features
•• HERMETIC METAL/CERAMIC PACKAGE
•• LOW THERMAL RESISTANCE
•• 10:1 LOAD VSWR CAPABILITY
•• BALLASTED OVERLAY GEOMETRY
•• COMMON EMITTER CONFIGURATION
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATION
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS2208

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
CIT SWITCH
MS2208L4 CIT-MS2208L4 Datasheet
126Kb / 1P
CIT SWITCH
MS2208L6 CIT-MS2208L6 Datasheet
126Kb / 1P
CIT SWITCH
MS2208L9 CIT-MS2208L9 Datasheet
126Kb / 1P
CIT SWITCH
More results

Similar Description - MS2208

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Microsemi Corporation
MS2209 MICROSEMI-MS2209 Datasheet
137Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATION
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com