Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2393 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS2393
Description  RF & MICROWAVE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2393 Datasheet(HTML) 2 Page - Microsemi Corporation

  MS2393 Datasheet HTML 1Page - Microsemi Corporation MS2393 Datasheet HTML 2Page - Microsemi Corporation MS2393 Datasheet HTML 3Page - Microsemi Corporation MS2393 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microsemi
RF Products Division
140 Commerce Drive, Montgomeryville PA 18936, (215) 631-9840, Fax: (215) 631-9855
Page 2
Copyright
 2000
MSC1660.PDF 2001-01-30
MS2393
RF & MICROWAVE TRANSISTORS
PRODUCT PREVIEW
R F P R O D UCT S DI VI SI ON
STATIC ELECTRICAL SPECIFICATIONS (TCASE = 25°°°°C)
MS2393
Symbol
Test Conditions
Min.
Typ.
Max.
Units
BVCBO
IC = 10 mA
IE = 0 mA
65
V
BVCES
IC = 25 mA
VBE = 0 V
65
V
BVEBO
IE = 5 mA
IC = 0 mA
3.5
V
ICES
VCE = 50 V
IE = 0 mA
10
mA
hFE
VCE = 5 V
IC = 300 mA
5
DYMANIC ELECTRICAL SPECIFICATIONS (TCASE = 25°°°°C)
MS2393
Symbol
Test Conditions
Min.
Typ.
Max.
Units
POUT
f = 1025 – 1150 MHz PIN = 25 W
VCE = 50 V
150
W
GP
f = 1025 – 1150 MHz PIN = 25 W
VCE = 50 V
8.2
dB
Condition
Pulse Width = 10
µS, Duty Cycle = 1%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com