Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2393 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS2393
Description  RF & MICROWAVE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2393 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS2393 Datasheet HTML 1Page - Microsemi Corporation MS2393 Datasheet HTML 2Page - Microsemi Corporation MS2393 Datasheet HTML 3Page - Microsemi Corporation MS2393 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microsemi
RF Products Division
140 Commerce Drive, Montgomeryville PA 18936, (215) 631-9840, Fax: (215) 631-9855
Page 1
Copyright
 2000
MSC1660.PDF 2001-01-30
MS2393
RF & MICROWAVE TRANSISTORS
PRODUCT PREVIEW
R F P R O D UCT S DI VI SI ON
DESCRI PTION
DESCRI PTION
DESCRI PTION
DESCRI PTION
The MS2393 is a gold metallized, silicon NPN power transistor.
The MS2393 is designed for applications requiring high peak power
and low duty cycles such as IFF, DME and TACAN. The MS2393 is
packaged in a metal/ceramic package with internal input/output
matching, resulting in improved broadband performance and low
thermal resistance.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
ABSOLUTE MAXIMUM RATINGS (TCASE = 25°°°°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
65
V
VCES
Collector-Emitter Voltage
65
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
11
A
PDISS
Power Dissipation
583
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
-65 to +150
°C
THERMAL DATA
RTH(j-c)
Junction-Case Thermal Resistance
0.30
°C/W
KEY FEATU R ES
KEY FEATU R ES
KEY FEATU R ES
KEY FEATU R ES
Designed For High
Power Pulse IFF, DME,
and TACAN
Applications
200 W (typ.) IFF 1030 –
1090 MHz
150 W (min.) DME 1025
– 1150 MHz
140 W (typ.) TACAN
960 – 1215 MHz
8.2 dB Gain
Refractory Gold
Metallization
Ballasting And Low
Thermal Resistance For
Reliability And
Ruggedness
30:1 Load VSWR
Capability At Specified
Operating Conditions
Input And Output
Matched Common Base
Configuration
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFITS
SS
S
Avionics Applications


Similar Part No. - MS2393

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS2393 ADPOW-MS2393 Datasheet
207Kb / 5P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results

Similar Description - MS2393

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1077 MICROSEMI-MS1077 Datasheet
101Kb / 4P
RF & MICROWAVE TRANSISTORS
MS1403 MICROSEMI-MS1403 Datasheet
176Kb / 4P
RF & MICROWAVE TRANSISTORS
MS1510 MICROSEMI-MS1510 Datasheet
486Kb / 5P
RF & MICROWAVE TRANSISTORS
MS2176 MICROSEMI-MS2176 Datasheet
187Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1014-02 MICROSEMI-SD1014-02 Datasheet
193Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1143 MICROSEMI-SD1143 Datasheet
173Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1144 MICROSEMI-SD1144 Datasheet
176Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Advanced Power Technolo...
MS652 ADPOW-MS652 Datasheet
329Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Microsemi Corporation
MMBR5179LT1 MICROSEMI-MMBR5179LT1 Datasheet
327Kb / 1P
RF & MICROWAVE TRANSISTORS
logo
New Jersey Semi-Conduct...
SD1541-01 NJSEMI-SD1541-01 Datasheet
188Kb / 3P
RF & MICROWAVE TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com