Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2475 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS2475
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2475 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS2475 Datasheet HTML 1Page - Microsemi Corporation MS2475 Datasheet HTML 2Page - Microsemi Corporation MS2475 Datasheet HTML 3Page - Microsemi Corporation MS2475 Datasheet HTML 4Page - Microsemi Corporation MS2475 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSC0937A.DOC 10-20-98
MS2475
DESCRIPTION:
DESCRIPTION:
The MS2475 is a silicon NPN power transistor designed for IFF
applications. The MS2475 is designed to exceed the high peak
power requirements of today's IFF systems. Hermetic sealing,
gold metalization and internal input matching provide superior
long term reliability and broadband performance.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
VCC
Collector-Supply Voltage*
55
V
IC
Device Current*
(TC
≤≤ 100°°C)
45
A
PDISS
Power Dissipation*
1670
W
TJ
Junction Temperature
+200
°°C
TSTG
Storage Temperature
- 65 to + 200
°°C
Thermal Data
Thermal Data
RTH(j-c)
Junction-Case Thermal Resistance*
0.06
°°C/W
* Applies only to rated RF operation.
Features
• DESIGNED FOR HIGH POWER PULSED IFF
• 720 WATTS (min.) IFF 1030 or 1090 MHz
• REFRACTORY GOLD METALLIZATION
• 6.8 dB MIN. GAIN
• LOW THERMAL RESISTANCE FOR RELIABILTY AND
RUGGEDNESS
• 30:1 LOAD VSWR CAPABILITY AT SPECIFIED
OPERATING CONDITIONS
• INPUT MATCHED, COMMON BASE CONFIGURATION
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS2475

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS2472 ADPOW-MS2472 Datasheet
139Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
Microsemi Corporation
MS2473 MICROSEMI-MS2473 Datasheet
110Kb / 2P
high power COMMON BASE bipolar transistor.
More results

Similar Description - MS2475

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com