Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2475 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS2475
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2475 Datasheet(HTML) 2 Page - Microsemi Corporation

  MS2475 Datasheet HTML 1Page - Microsemi Corporation MS2475 Datasheet HTML 2Page - Microsemi Corporation MS2475 Datasheet HTML 3Page - Microsemi Corporation MS2475 Datasheet HTML 4Page - Microsemi Corporation MS2475 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSC0937A.DOC 10-20-98
MS2475
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC =
25 mA
IE = 0 mA
65
----
----
V
BVCER
IC =
25 mA
RBE = 10
Ω
65
----
----
V
BVEBO
IE =
10 mA
IC = 0 mA
3.5
----
----
V
ICES
VCE =
50 V
VBE = 0 V
----
----
60
mA
hFE
VCE =
5 V
IC =
2 A
10
----
250
----
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 1090 MHz
PIN = 150 W
VCC = 50 V
720
----
----
W
V
V
C
f = 1090 MHz
PIN = 150 W
VCC = 50 V
35
----
----
%
GP
f = 1090 MHz
PIN = 150 W
VCC = 50 V
6.8
----
----
dB
Note: Pulse width = 10
µµSec. Duty Cycle = 1%
IMPEDANCE DATA:
IMPEDANCE DATA:
FREQUENCY
Zin
Zcl
1030 MHz
4.18 + j1.32
0.81 + j0.55
1090 MHz
3.16 + j1.24
0.75 + j0.60



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com