Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5002LC Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5002LC
Description  Crystal Oscillator Module ICs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5002LC Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5002LC Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SM5002L series
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Crystal Oscillator Module ICs
OVERVIEW
The SM5002L series crystal oscillator module ICs fabricated in NPC’s Molybdenum-gate CMOS. They
comprise low-voltage low-current consumption oscillator circuits and output buffers. They incorporate built-in
oscillation capacitance with superior frequency response to realize stable 3rd overtone oscillation without any
external components.
FEATURES
s
Oscillation frequency up to 100 MHz
s
Third harmonic
s
Capacitors CG and CD built-in
s
Standby function (oscillator stops)
s
3 µA (typ) low standby current
s
Inverter amplifier feedback resistance built-in
s
INH pin pull-up resistance built-in
• INH= L : 2M
Ω typ
• INH= H : 90k
Ω typ
s
CMOS input level
s
8 mA (VDD = 3.0 V) output drive capability
s
CMOS output duty level
s
Output three-state function
s
2.7 to 3.6 V supply voltage
s
Oscillator frequency output
s
8-pin SOP (SM5002L
×S)
s
Chip form (CF5002L
×)
SERIES CONFIGURATION
ORDERING INFORMATION
Version
Recommended
operating
frequency range
(MHz)
gm
(relative
value)
Built-in capacitance
Rf1
(k
Ω)
Cf
(pF)
Output
duty level
Output
current
(mA)
Standby
function
CG (pF)
CD (pF)
CF5002LA
SM5002LAS
30 to 40
1.0
8
15
5.6
22
CMOS
8
Yes
CF5002LB
SM5002LBS
40 to 50
1.5
8
15
4.7
22
CMOS
8
Yes
CF5002LC
SM5002LCS
50 to 70
1.5
8
10
3.9
22
CMOS
8
Yes
CF5002LD
SM5002LDS
70 to 90
2.0
8
10
3.9
22
CMOS
8
Yes
CF5002LE
SM5002LES
85 to 100
2.0
8
10
2.7
22
CMOS
8
Yes
CF5002LF
SM5002LFS
25 to 30
1.0
10
15
8.5
22
CMOS
8
Yes
Device
Package
SM5002L
×S
8-pin SOP
CF5002L
×
Chip form


Similar Part No. - CF5002LC

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CF500 LSTD-CF500 Datasheet
320Kb / 2P
EcoFoamTM Conductive Foam
logo
Cvilux Corporation
CF5001SC CVILUX-CF5001SC Datasheet
785Kb / 3P
1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
logo
Nippon Precision Circui...
CF5005ALD-1 NPC-CF5005ALD-1 Datasheet
96Kb / 10P
Crystal Oscillator Module ICs
CF5005B NPC-CF5005B Datasheet
78Kb / 7P
High-frequency Crystal Oscillator Module ICs
CF5005BLA NPC-CF5005BLA Datasheet
78Kb / 7P
High-frequency Crystal Oscillator Module ICs
More results

Similar Description - CF5002LC

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com