Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSATS14S40L Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MSATS14S40L
Description  TRANSIENT VOLTAGE SUPPRESOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSATS14S40L Datasheet(HTML) 1 Page - Microsemi Corporation

  MSATS14S40L Datasheet HTML 1Page - Microsemi Corporation MSATS14S40L Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
SYMBOL
MAX.
UNIT
Peak Pulse Power (1ms)
Ppp
14500
Watts
tclamping :0 volts to VBR min (theoretical)
< 1
picosecond
Forward Surge Rating, 1/120 sec @25
°C
IFSM
TBD
Amps
Junction Temperature Range
Tj
-65 to +175
°C
Storage Temperature Range
Tstg
-65 to +175
°C
Thermal Resistance, Junction to Case:
θ
JC
0.2
°C/W
PRELIMINARY
MSATS14S40L
MSATS14S40L
40 Volts
250 Amps
14.5KW
Features
• Very High Surge Rating - 14,500 Watts peak power
• Hermetically sealed, low profile ceramic surface mount power package
• Low package inductance
•
Very low thermal resistance
•
Available as standard polarity (strap is anode: MSATS14S40L) and
reverse polarity (strap is cathode: MSATS14S40LR)
Maximum Ratings @ 25
°°C (unless otherwise specified)
Mechanical Outline
ThinKey™3
Datasheet# MSC1038A
2830 S. Fairview St.
Santa Ana, CA 92704
PH: (714) 979-8220
FAX: (714) 966-5256
TRANSIENT VOLTAGE
SUPPRESOR


Similar Part No. - MSATS14S40L

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MSAT ADAM-TECH-MSAT Datasheet
136Kb / 1P
MINI SHUNTS .050 & .100 [2.54] CENTERLINE
logo
Apacer Technology Inc.
MSATA-A1 APACER-MSATA-A1 Datasheet
1Mb / 4P
mSATA A1 modular SSD
MSATA-A1-M APACER-MSATA-A1-M Datasheet
947Kb / 4P
mSATA A1-M modular SSD
MSATA-MINI-H1 APACER-MSATA-MINI-H1 Datasheet
1Mb / 4P
SATA3.0 SSDs: the mSATA mini H1
MSATA-MINI-H1-M APACER-MSATA-MINI-H1-M Datasheet
1Mb / 4P
slim industrial SATA3.0 SSDs
More results

Similar Description - MSATS14S40L

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
ON Semiconductor
1N6267A ONSEMI-1N6267A Datasheet
64Kb / 8P
1500 Watt MosorbE Zener Transient Voltage Transient Voltage
June, 2002 ??Rev. 5
logo
Microsemi Corporation
1N6742 MICROSEMI-1N6742 Datasheet
60Kb / 2P
TRANSIENT VOLTAGE SUPPRESOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
logo
ON Semiconductor
NSPM0101 ONSEMI-NSPM0101 Datasheet
62Kb / 4P
Transient Voltage
April, 2017 ??Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com