Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSATS14S40L Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MSATS14S40L
Description  TRANSIENT VOLTAGE SUPPRESOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSATS14S40L Datasheet(HTML) 2 Page - Microsemi Corporation

  MSATS14S40L Datasheet HTML 1Page - Microsemi Corporation MSATS14S40L Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNIT
Breakdown Voltage
VBR
IBR = 1mA 25
°C
40
43
n/a
V
Rated Standoff Voltage
VR
36
V
Reverse Leakage
IR
VR = 36V
0.3
5
µA
Peak Pulse Current
IPP
tr=10us, tp=1ms
(see fig.1)
250
A
Clamping Voltage
VC1
IPP = 250A
tr=10us, tp=1ms
55
58
Clamping Voltage
VC2
IPP = 200A
tr=6us, tp=70us
48
51
Temp. Coef.of
VBR
TBD
%/C
Electrical Parameters @25
°°C
MSATS14S40L
MSATS14S40LR
0.0
20.0
40.0
60.0
80.0
100.0
0
1000
2000
3000
t - TIME - (us)
Pulse
Current
(% of
IPP)
0
25
50
75
100
0
50
100
150
200
Temperature (C)
Fig.1 Pulse Waveform
Fig.2 Derating Curve
Datasheet# MSC1038A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com