Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5151H Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5151H
Description  CPU 4?묪it Nonsynchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5151H Datasheet(HTML) 1 Page - ON Semiconductor

  CS5151H Datasheet HTML 1Page - ON Semiconductor CS5151H Datasheet HTML 2Page - ON Semiconductor CS5151H Datasheet HTML 3Page - ON Semiconductor CS5151H Datasheet HTML 4Page - ON Semiconductor CS5151H Datasheet HTML 5Page - ON Semiconductor CS5151H Datasheet HTML 6Page - ON Semiconductor CS5151H Datasheet HTML 7Page - ON Semiconductor CS5151H Datasheet HTML 8Page - ON Semiconductor CS5151H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 4
1
Publication Order Number:
CS5151H/D
CS5151H
CPU 4−Bit Nonsynchronous
Buck Controller
The CS5151H is a 4−bit nonsynchronous N−Channel buck
controller. It is designed to provide unprecedented transient response
for today’s demanding high−density, high−speed logic. The regulator
operates using a proprietary control method, which allows a 100 ns
response time to load transients. The CS5151H is designed to operate
over a 4.25−20 V range (VCC) using 12 V to power the IC and 5.0 V or
12 V as the main supply for conversion.
The CS5151H is specifically designed to power Pentium®
processors with MMX™ Technology and other high performance core
logic. It includes the following features: on board, 4−bit DAC, short
circuit protection, 1.0% output tolerance, VCC monitor, and
programmable Soft Start capability. The CS5151H is upwards
compatible with the 5−bit CS5156H, allowing the mother board
designer the capability of using either the CS5151H or the CS5156H
with no change in layout. The CS5151H is available in 16 pin surface
mount package.
Features
• N−Channel Design
• Excess of 1.0 MHz Operation
• 100 ns Transient Response
• 4−Bit DAC
• Upward Compatible with 5−Bit CS5155H/CS5156H
• 30 ns Gate Rise/Fall Times
• 1.0% DAC Accuracy
• 5.0 V & 12 V Operation
• Remote Sense
• Programmable Soft Start
• Lossless Short Circuit Protection
• VCC Monitor
• Adaptive Voltage Positioning
• V2™ Control Topology
• Current Sharing
• Overvoltage Protection
CS5151HGDR16
http://onsemi.com
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
CS5151HGD16
SO−16
48 Units/Rail
SO−16
2500 Tape & Reel
SOIC−16
D SUFFIX
CASE 751B
PIN CONNECTIONS
1
CS5151H
AWLYWW
16
MARKING
DIAGRAM
1
16
VCC2
VFFB
1
16
VGATE
COFF
PGND
NC
NC
SS
VCC1
VID3
LGND
VID2
COMP
VID1
VFB
VID0


Similar Part No. - CS5151H

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5151 CHERRY-CS5151 Datasheet
307Kb / 14P
CPU 4-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
logo
ON Semiconductor
CS5151 ONSEMI-CS5151 Datasheet
572Kb / 17P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
logo
Cherry Semiconductor Co...
CS5151GD16 CHERRY-CS5151GD16 Datasheet
307Kb / 14P
CPU 4-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
logo
ON Semiconductor
CS5151GD16 ONSEMI-CS5151GD16 Datasheet
572Kb / 17P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
logo
Cherry Semiconductor Co...
CS5151GDR16 CHERRY-CS5151GDR16 Datasheet
307Kb / 14P
CPU 4-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
More results

Similar Description - CS5151H

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5151 CHERRY-CS5151 Datasheet
307Kb / 14P
CPU 4-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
CS5156 CHERRY-CS5156 Datasheet
308Kb / 14P
CPU 5-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
logo
ON Semiconductor
CS5160 ONSEMI-CS5160 Datasheet
584Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5151 ONSEMI-CS5151 Datasheet
572Kb / 17P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
CS5156 ONSEMI-CS5156 Datasheet
576Kb / 17P
CPU 5?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 11
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5158 ONSEMI-CS5158 Datasheet
607Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5150H ONSEMI-CS5150H Datasheet
623Kb / 17P
CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com