Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXP22-C Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MXP22-C
Description  Monolithic Photodiode Array-Chip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MXP22-C Datasheet(HTML) 1 Page - Microsemi Corporation

  MXP22-C Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Opto
Products
2830 S. Fairview St.
Santa Ana, CA 92704
PH: 714.979.8220
FAX: 714.557.5989
Data Sheet # MSC1338.PDF
Updated:June 1999
MXP22-C
Electrical Characteristic
s@ 25
oC
Features
•
Dielectrically Isolated Diodes
•
Aluminum Wire bondable
•
Backside Metallization - Gold
•
Die Attach methods: Eutectic or Epoxy
Monolithic Photodiode Array - Chip
SYMBOL
CHARACTERISTIC
CONDITIONS
MIN
TYP
MAX
UNITS
VOC
Open Circuit Voltage
10 mW/cm2, wavelength = 850 nm
10
Volts
ISC
Short Circuit Current
10 mW/cm2, wavelength = 850 nm
3.5
uA
VB
Reverse Breakdown Voltage
IR = 10 uA
20
Volts


Similar Part No. - MXP22-C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MXP2001 MICROSEMI-MXP2001 Datasheet
198Kb / 4P
Photovoltaic By-Pass Diode 50 Volts, 1.0 Amps
logo
Littelfuse
MXP250K LITTELFUSE-MXP250K Datasheet
619Kb / 14P
POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
2016
MXP270 LITTELFUSE-MXP270 Datasheet
619Kb / 14P
POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
2016
More results

Similar Description - MXP22-C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S268P VISHAY-S268P Datasheet
80Kb / 5P
Silicon PIN Photodiode Array
20-May-99
logo
Siemens Semiconductor G...
KOM0622033A SIEMENS-KOM0622033A Datasheet
33Kb / 1P
6-CHIP SILICON PHOTODIODE ARRAY LOW DARK CURRENT
KOM2057L SIEMENS-KOM2057L Datasheet
181Kb / 4P
3fach-Silizium-Fotodiodenzeile 3-Chip Silicon Photodiode Array
logo
Microsemi Corporation
MXP18-C MICROSEMI-MXP18-C Datasheet
44Kb / 1P
Monolithic Photodiode Array-Chip
logo
Hamamatsu Corporation
G67150 HAMAMATSU-G67150 Datasheet
108Kb / 2P
InGaAs PIN photodiode array
G8909-01 HAMAMATSU-G8909-01 Datasheet
119Kb / 3P
InGaAs PIN photodiode array
S8865-256 HAMAMATSU-S8865-256 Datasheet
92Kb / 6P
Photodiode array combined with signal processing circuit chip
S8865 HAMAMATSU-S8865 Datasheet
175Kb / 6P
Photodiode array combined with signal processing circuit chip
logo
HY ELECTRONIC CORP.
AA16-9DIL18 HY-AA16-9DIL18 Datasheet
311Kb / 2P
Avalanche Photodiode Array
logo
Hamamatsu Corporation
G8909-01 HAMAMATSU-G8909-01_15 Datasheet
526Kb / 3P
InGaAs PIN photodiode array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com