Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLV Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # CMLV
Description  Encapsulated for Added Ruggedness
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMLV Datasheet(HTML) 2 Page - Wall Industries,Inc.

  CMLV Datasheet HTML 1Page - Wall Industries,Inc. CMLV Datasheet HTML 2Page - Wall Industries,Inc. CMLV Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/24/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 3
CMLV Series
Half-Brick
50-150 Watt, Single Output
Chassis Mount DC/DC Converter
Rev D
MODEL SELECTION GUIDE
Model Number for
Threaded Inserts
Model Number for
Thru-Hole Inserts
Input Voltage Range
Output Voltage
Output Current
Output Power
CMLV12S3.3-75
CMLV12S3.3-75TH
3.3 VDC
21.4A
75W
CMLV12S5-100
CMLV12S5-100TH
5 VDC
20.0A
100W
CMLV12S8-100
CMLV12S8-100TH
8 VDC
12.5A
100W
CMLV12S12-100
CMLV12S12-100TH
12 VDC
8.3A
100W
CMLV12S12-120
CMLV12S12-120TH
12 VDC
10.0A
120W
CMLV12S12-150
CMLV12S12-150TH
12 VDC
12.5A
150W
CMLV12S15-50
CMLV12S15-50TH
15 VDC
3.3A
50W
CMLV12S15-100
CMLV12S15-100TH
15 VDC
6.6A
100W
CMLV12S15-125
CMLV12S15-125TH
15 VDC
8.3A
125W
CMLV12S15-150
CMLV12S15-150TH
15 VDC
10.0A
150W
CMLV12S18-150
CMLV12S18-150TH
18 VDC
8.33A
150W
CMLV12S20-100
CMLV12S20-100TH
20 VDC
5.0A
100W
CMLV12S24-150
CMLV12S24-150TH
24 VDC
6.25A
150W
CMLV12S26-150
CMLV12S26-150TH
26 VDC
5.76A
150W
CMLV12S28-150
CMLV12S28-150TH
28 VDC
5.35A
150W
CMLV12S48-150
CMLV12S48-150TH
12/24 VDC
(10 - 36 VDC)
48VDC
3.125A
150W
NOTES
1. Pin to pin tolerance: ±0.01" [± 0.3mm], pin diameter tolerance: ± 0.005" [± 0.13mm].
2. Case material of the DC/DC converter: 0.040" [1.02mm] thick, aluminum alloy 3003-0, per: QQA 250/2.
3. Unit comes with either 3M x 0.5 threaded thru inserts or for Ø.125 thru-hole for the chassis mount board add "TH" suffix to
model part number (Ex: CMLV12S15-100TH).
4. Active high enable is standard; for active low enable add the suffix “R” to the part number (Ex: CMLV12S15-100R).
DERATING CURVE
CMLV12S26-150 AMBIENT vs OUTPUT CURRENT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com