Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLV Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CMLV
Description  Encapsulated for Added Ruggedness
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMLV Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CMLV Datasheet HTML 1Page - Wall Industries,Inc. CMLV Datasheet HTML 2Page - Wall Industries,Inc. CMLV Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/24/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 3
CMLV Series
Half-Brick
50-150 Watt, Single Output
Chassis Mount DC/DC Converter
Rev D
FEATURES
● Soft Start
● 100% Burn In
● High Reliability
● Remote ON/OFF
● Up to 89% Efficient
● Cost Efficient Solution
● Fast Transient Response
● Fixed Switching Frequency
● Encapsulated for Added Ruggedness
● Short Circuit and Over Current Protected
● Remote Sense Compensation to 10% Vout
DESCRIPTION
The CMLV series consists of high density, low input voltage, isolated converters on a chassis mount with a wide input voltage
range. Low input voltage converters are uncommon in the industry and the CMLV series offers the flexibility of operation with
both 12V and 24V busses. These state-of-the-art converters’ features include fast transient response, short circuit protection,
over current protection, soft start, and many other features that are required for today’s demanding applications.
SPECIFICATIONS: CMLV Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range .....................................................10-36VDC
UVLO Turn On at ...................................................... 9.6VDC max
UVLO Turn off at ....................................................... 9.5VDC max
Input Filter ..............................................See Technical Datasheet
Remote ON/OFF ........................... Logic Enable referenced to -Vin,
No suffix........................................... Open/High=ON, Low=OFF
“R” suffix .......................................... Open/High=OFF, Low=ON
Input Reflected Ripple current..................................... 225mA typ.
Input Surge Voltage ................................. 50VDC max for 100ms
OUTPUT SPECIFICATIONS
Output Voltage ................................................................ see table
Voltage Accuracy ................................................................... ±1%
Output Adjustability .............................................................. ±10%
Output Current ................................................................ see table
Output Power .................................................................. see table
Line Regulation (LL to HL at FL) ......................................... ±0.2%
Load Regulation (20% to 100% load).................................. ±0.2%
Ripple/Noise (20 MHz BW) ................................................... 1.5%
Remote Sense Compensation ............................................... 10%
Transient Response (50% load step) ..................................250ms
PROTECTION SPECIFICATIONS
Current Limit ................................................................... 110-140%
Short Circuit Protection ................................................. Continuous
GENERAL SPECIFICATIONS
Efficiency ............................................................................ To 89%
Switching Frequency ...................................................400KHz typ.
Isolation Voltage
Input to Output ..........................................................1500VDC
Input to Case ..............................................................500VDC
Output to Case............................................................500VDC
Isolation Resistance.......................................................10MΩ min.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature (case).............................. -40°C ~ +100°C
Storage Temperature............................................. -50°C ~ +125°C
Humidity..............................................................................To 95%
Temperature Coefficient ................................................ ±0.2% / °C
MTBF.................................................................... 2,563,116 hours
PHYSICAL SPECIFICATIONS
Weight ...................................................................... 7.52oz (213g)
Dimensions (L x W x H) ...........................5.70 x 3.40 x 1.34 inches
144.8 x 86.4 x 34 mm
Case Material................................................. thick, aluminum alloy
Due to advances in technology, specifications subject to change without notice
APPLICATIONS
● For use in 12V and 24V Battery Applications
● For use in Intermediate and Distributed
Bus Architectures (IBA)
● Telecommunications Equipment
● Network (LANs/WANs) Equipment
● Next Generation Low Voltage, High
Current Microprocessors and ICs


Similar Part No. - CMLV

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
CML ATC-CML Datasheet
283Kb / 1P
AC Over Current Monitor
logo
Visual Communications C...
CML-325 VCC-CML-325 Datasheet
77Kb / 1P
LOW PROFILE LENS 5MM ROUND FRESNEL
CML-327 VCC-CML-327 Datasheet
76Kb / 1P
5MM ROUND PLAIN END LENS
logo
Stackpole Electronics, ...
CML0402 SEI-CML0402 Datasheet
671Kb / 23P
Multilayer Ceramic Chip Capacitor
5/27/2021
CML0402C0G0R1BT100V SEI-CML0402C0G0R1BT100V Datasheet
671Kb / 23P
Multilayer Ceramic Chip Capacitor
5/27/2021
More results

Similar Description - CMLV

ManufacturerPart #DatasheetDescription
logo
FCI connector
PHEC40P-R211LF FCI-CONNECTOR-PHEC40P-R211LF Datasheet
509Kb / 8P
30,34,50,68 POSITIONS ADDED LOCATOR MATERIAL ADDED
logo
Projects Unlimited, Inc...
AI-2304-TT-24V-R PUI-AI-2304-TT-24V-R Datasheet
285Kb / 1P
ADDED BODY DIMENSION
ANM-5254L-R PUI-ANM-5254L-R Datasheet
266Kb / 1P
ADDED TERMINAL POLARITY
logo
AZ Displays
AQM1056B AZDISPLAYS-AQM1056B Datasheet
116Kb / 1P
added ThreeBond 1530C
logo
Infineon Technologies A...
IPP410N30N INFINEON-IPP410N30N Datasheet
1Mb / 12P
Optimized for hard commutation ruggedness
Rev.2.0,2014-12-27
logo
Level One
HVE-9111R LVL1-HVE-9111R Datasheet
388Kb / 2P
Screw-in power socket for added safety
logo
Laird Tech Smart Techno...
MSD40NBT LSTD-MSD40NBT Datasheet
1Mb / 34P
Added PCM defaults
MSD50NBT LSTD-MSD50NBT Datasheet
1Mb / 38P
Added section numbering
logo
Advanced Semiconductor
HVV0405-1000 ASI-HVV0405-1000 Datasheet
353Kb / 3P
Excellent Ruggedness
HVV1011-1000L ASI-HVV1011-1000L Datasheet
376Kb / 3P
Excellent Ruggedness
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com