Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1834AS Datasheet(PDF) 6 Page - ON Semiconductor

Part # ASM1834AS
Description  Power Supply Supervisor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1834AS Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ASM1834AS Datasheet HTML 2Page - ON Semiconductor ASM1834AS Datasheet HTML 3Page - ON Semiconductor ASM1834AS Datasheet HTML 4Page - ON Semiconductor ASM1834AS Datasheet HTML 5Page - ON Semiconductor ASM1834AS Datasheet HTML 6Page - ON Semiconductor ASM1834AS Datasheet HTML 7Page - ON Semiconductor ASM1834AS Datasheet HTML 8Page - ON Semiconductor ASM1834AS Datasheet HTML 9Page - ON Semiconductor ASM1834AS Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ASM1834, ASM1834A, ASM1834D
http://onsemi.com
6
Figure 5. Pushbutton Reset
Figure 6. Timing Diagram: Pushbutton Reset
Reset Output Signal
Reset output signals are valid as long as either voltage at
5VIN or 3.3VIN is above 1.2 V. In addition, the ASM1834
has push−pull outputs that can remain valid below a 1.2 V
input level. To sink current below 1.2 V, a resistor should be
connected from the RESET output to ground. This resistor
guarantees a valid reset signal down to 0 V. A 100 k
W value
is suggested.
The AS1834A open drain reset outputs require pull−up
resistors and must be low enough in value to pull the output
into a HIGH state. Resistor value is not critical in most
applications and a value of 10 k
W is suggested. (See
Figures 7 and 8.)
The ASM1834A open drain reset outputs can be
connected to the same potential through a single pull−up
resistor. In this configuration a failure on either supply will
generate an active LOW reset. If the inputs are pulled−up to
different voltages, the reset outputs (pin 2 and pin 7) cannot
be connected to form a wired “AND” (see Figure 9).
Figure 7. ASM1834 RESET Valid to 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com