Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1834AS Datasheet(PDF) 7 Page - ON Semiconductor

Part # ASM1834AS
Description  Power Supply Supervisor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1834AS Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ASM1834AS Datasheet HTML 3Page - ON Semiconductor ASM1834AS Datasheet HTML 4Page - ON Semiconductor ASM1834AS Datasheet HTML 5Page - ON Semiconductor ASM1834AS Datasheet HTML 6Page - ON Semiconductor ASM1834AS Datasheet HTML 7Page - ON Semiconductor ASM1834AS Datasheet HTML 8Page - ON Semiconductor ASM1834AS Datasheet HTML 9Page - ON Semiconductor ASM1834AS Datasheet HTML 10Page - ON Semiconductor ASM1834AS Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ASM1834, ASM1834A, ASM1834D
http://onsemi.com
7
Figure 8. ASM1834A Open Drain
Output Pull−Up Resistor
Figure 9. ASM1834A Wired “OR” Connection
Trip Point Tolerance Selection
The 3.3VTOL and 5VTOL inputs allow independent
selection of the reset trip points. If 5VTOL is connected to
the 5 V supply input, a 10% tolerance is selected. If 5VTOL
is grounded, a 5% tolerance is selected.
If 3.3VTOL is connected to the 3.3 V supply input, a 20%
tolerance is selected. If 3.3VTOL is grounded, a 10%
tolerance is selected. (Refer to Table 6.) The 3.3VTOL and
5VTOL tolerance select inputs should be tied to the ground
or to the respective input supply voltage pin, 3.3VIN or 5VIN.
Table 6.
Tolerance Select
3.3 V Input
5 V Input
3.3 V
Tolerance
TRIP Point (V)
5 V
Tolerance
TRIP Point (V)
Min
Nom
Max
Min
Nom
Max
5VTOL = 5VIN
10%
4.25
4.38
4.49
5VTOL = GND
5%
4.5
4.63
4.75
3.3VTOL = 3.3VIN
20%
2.47
2.55
2.64
3.3VTOL = GND
10%
2.80
2.88
2.97



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com