Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1834AF Datasheet(PDF) 1 Page - ON Semiconductor

Part # ASM1834AF
Description  Power Supply Supervisor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1834AF Datasheet(HTML) 1 Page - ON Semiconductor

  ASM1834AF Datasheet HTML 1Page - ON Semiconductor ASM1834AF Datasheet HTML 2Page - ON Semiconductor ASM1834AF Datasheet HTML 3Page - ON Semiconductor ASM1834AF Datasheet HTML 4Page - ON Semiconductor ASM1834AF Datasheet HTML 5Page - ON Semiconductor ASM1834AF Datasheet HTML 6Page - ON Semiconductor ASM1834AF Datasheet HTML 7Page - ON Semiconductor ASM1834AF Datasheet HTML 8Page - ON Semiconductor ASM1834AF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2011
August, 2011 − Rev. 3
1
Publication Order Number:
ASM1834/D
ASM1834, ASM1834A,
ASM1834D
Dual 5 V and 3.3 V mP
Power Supply Supervisor
with Manual Reset
Description
The ASM1834 supervisors simultaneously monitor both 3.3 V and
5 V power sources and generate reset signals when either supply is out
of tolerance. When an out−of−tolerance condition is detected, the
output−reset signal of the affected supply becomes active and resets
the system microprocessor/microcontroller. On power−up and after
the supply voltage returns to an in−tolerance condition, the reset signal
remains active for approximately 350 ms. This allows the power
supply and system microprocessor to stabilize.
Tolerance levels are independently selectable for both supplies.
Tolerance options are 5% and 10% for the 5 V supply and 10% and
20% for the 3.3 V supply.
The ASM1834 and ASM1834D have push−pull reset output stages.
The ASM1834A reset outputs are open drain devices that can both be
connected to either 5 V or 3.3 V supply. The ASM1834 and
ASM1834A have active LOW reset outputs. The ASM1834D has
active HIGH reset outputs.
All devices can generate reset signals through an internally
debounced pushbutton reset input that affects both reset outputs.
All devices operate over the extended industrial temperature range.
Devices are available in 8−pin DIP, surface mount 8−pin SO and 8−Pin
MicroSO packages. Die are also available.
Features
• Monitors 5 V and 3.3 V Supplies Simultaneously
• 5 V and 3.3 V Power−on Reset
• 350 ms Reset Time
• Debounced Pushbutton Reset Input
• Push−pull CMOS Output
ASM1834, ASM1834D
Eliminates External Pull−up Resistors
Active LOW (ASM1834), HIGH (ASM1834D)
• Open Drain Output
ASM1834A
Active LOW
• Selectable 5 V and 3.3 V Trip Point Tolerance
• Internal Power Drawn from Highest Input Voltage,
5 V or 3.3 V
• Precision Temperature−compensated Voltage Reference
and Comparator
• Low Cost Surface Mount SO, Compact MicroSO and
DIP Packages
• Wide Operating Temperature: −40°C to +85°C
Applications
• Microprocessors
• PDAs, Hand−held PCs
• Embedded Controllers
• Telecommunication Systems
• Power Supplies
• Wireless / Cellular Systems
• Networking Hardware
http://onsemi.com
PIN CONFIGURATION
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
PDIP−8
NO SUFFIX
CASE 646AA
SOIC−8
S SUFFIX
CASE 751BD
5VIN
5V RESET*
5V TOL
GND
3.3VIN
3.3V RESET*
3.3V TOL
PBRST
ASM1834
ASM1834A
ASM1834D
1
MICRO−8
U SUFFIX
CASE 846AA
*AS1834D reset outputs are active HIGH
(5V RESET and 3.3V RESET) Outputs are
open−drain for AS1834A.
(Top View)


Similar Part No. - ASM1834AF

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1834AF ALSC-ASM1834AF Datasheet
256Kb / 10P
Dual 5V and 3.3V uP Power Supply Supervisor with Manual Reset
logo
PulseCore Semiconductor
ASM1834AF PULSECORE-ASM1834AF Datasheet
265Kb / 10P
Dual 5V and 3.3V 關P Power Supply Supervisor with Manual Reset
logo
Alliance Semiconductor ...
ASM1834AF-T ALSC-ASM1834AF-T Datasheet
256Kb / 10P
Dual 5V and 3.3V uP Power Supply Supervisor with Manual Reset
More results

Similar Description - ASM1834AF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6108 FAIRCHILD-SG6108 Datasheet
650Kb / 16P
Power Supply Supervisor PWM
SG6518 FAIRCHILD-SG6518 Datasheet
595Kb / 11P
LCD Power Supply Supervisor
logo
Unisonic Technologies
3513 UTC-3513 Datasheet
272Kb / 12P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513_15 Datasheet
387Kb / 12P
PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISOR
logo
ON Semiconductor
ASM690A ONSEMI-ASM690A Datasheet
202Kb / 12P
Power Supply Supervisor
August, 2011 ??Rev. 3
logo
Weltrend Semiconductor
WT7502 WELTREND-WT7502 Datasheet
148Kb / 10P
PC POWER SUPPLY SUPERVISOR
WT7527V WELTREND-WT7527V Datasheet
357Kb / 13P
PC POWER SUPPLY SUPERVISOR
logo
Richtek Technology Corp...
R7510A RICHTEK-R7510A Datasheet
326Kb / 12P
PC Power Supply Supervisor
January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com