Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1834AF Datasheet(PDF) 4 Page - ON Semiconductor

Part # ASM1834AF
Description  Power Supply Supervisor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1834AF Datasheet(HTML) 4 Page - ON Semiconductor

  ASM1834AF Datasheet HTML 1Page - ON Semiconductor ASM1834AF Datasheet HTML 2Page - ON Semiconductor ASM1834AF Datasheet HTML 3Page - ON Semiconductor ASM1834AF Datasheet HTML 4Page - ON Semiconductor ASM1834AF Datasheet HTML 5Page - ON Semiconductor ASM1834AF Datasheet HTML 6Page - ON Semiconductor ASM1834AF Datasheet HTML 7Page - ON Semiconductor ASM1834AF Datasheet HTML 8Page - ON Semiconductor ASM1834AF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ASM1834, ASM1834A, ASM1834D
http://onsemi.com
4
Table 3. RECOMMENDED DC OPERATING CONDITIONS (Recommended DC operating condition over the operating
temperature range of −40°C to +85°C. All voltages are referenced to ground.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
5 V Supply Voltage
5VIN
1.2
5.5
V
3.3 V Supply Voltage
3.3VIN
1.2
5.5
V
PBRST Input High Level
VIH
2
VINMAX + 0.3
V
PBRST Input High Level
VIH
Both 3.3VIN and 5VIN ≥ 2.7 V
VINMAX − 0.4
V
PBRST Input Low Level
VIL
Both 3.3VIN and 5VIN ≤ 2.7 V
−0.3
0.5
V
Table 4. DC ELECTRICAL CHARACTERISTICS (Unless otherwise noted, VIN = 1.2 V to 5.5 V and specifications are over the
operating temperature range of −40°C to +85°C. (Note: 3.3VIN is always ≤ 5VIN))
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Current
IOH
Output = 2.4 V. Either 3.3VIN or
5.5VIN ≥ 2.7 V
(ASM1834/1834D only)
350
mA
Output Current
IOL
Output = 0.4 V. Either 3.3VIN or
5.5VIN ≥ 2.7 V
(ASM1834/1834D only)
10
mA
Output Voltage
VOH
VIN − 0.1V
V
Input Leakage
IIL
−1.0
+1.0
mA
5 V Operating Current
ICC
3.3VIN and 5VIN ≤ 5.5 V,
RESET outputs open.
16
30
mA
3.3 V Operating Current
ICC
3.3VIN and 5VIN ≤ 3.6 V,
RESET outputs open.
12
25
mA
5 V Trip Point
VINTP
5VTOL = GND
4.50
4.63
4.75
V
5 V Trip Point
VINTP
5VTOL = 5VIN
4.25
4.38
4.49
V
3.3 V Trip Point
VINTP
3.3VTOL = GND
2.80
2.88
2.97
V
3.3 V Trip Point
VINTP
3.3VTOL = 3.3VIN
2.47
2.55
2.64
V
Output Capacitance
COUT
10
pF
PBRST Manual Reset
Minimum Low Time
tPB
2
ms
PBRST Stable LOW to reset
Active
tPDLY
2
ms
Reset Active Time
tRST
200
350
500
ms
VCC Slew Rate
tF
VINTP(MAX) to VINTP(MIN)
300
ms
VCC Slew Rate
tR
VINTP(MIN) to VINTP(MAX)
0
ns
VCC Detect to RESET
or RESET
tRPU
trise = 5 ms
200
350
500
ms
VCC Detect Noise Immunity
tRPD
2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com