Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STR4
Description  DC Advanced Microstep Drive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STR4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STR4 Datasheet HTML 1Page - List of Unclassifed Manufacturers STR4 Datasheet HTML 2Page - List of Unclassifed Manufacturers STR4 Datasheet HTML 3Page - List of Unclassifed Manufacturers STR4 Datasheet HTML 4Page - List of Unclassifed Manufacturers STR4 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model Number:
STR4
Part Number:
5000-154
Supply Voltage:
24-48 VDC
Supply Voltage Type:
DC
Control Modes:
Step & Direction
Output Current:
1.12-4.5 A/phase
Encoder Feedback:
No
Step Resolution:
Full
Half
Microstepping
Microstep Emulation
Idle Current
Reduction:
50% or 90%
Setup Method:
Switch / potentiometer
Digital Inputs:
3
Digital Outputs:
1
Analog Inputs:
0
Dimensions:
4.65 x 2.97 x 1.30 inches
Weight:
10.8 oz
Operating Temperature
Range:
0 to 70 °C
Ambient Temperature
Range:
0 to 50 °C
Ambient Humidity:
90% max, non-condensing
Status LEDs:
1 red, 1 green
Circuit Protection:
Short circuit
Over-voltage
Under-voltage
Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com