Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STR4
Description  DC Advanced Microstep Drive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STR4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STR4 Datasheet HTML 1Page - List of Unclassifed Manufacturers STR4 Datasheet HTML 2Page - List of Unclassifed Manufacturers STR4 Datasheet HTML 3Page - List of Unclassifed Manufacturers STR4 Datasheet HTML 4Page - List of Unclassifed Manufacturers STR4 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product Datasheet
www.Applied-Motion.com
STR4
DC Advanced Microstep Drive
1pc. - 190.00
50pc. - 142.50
Product Features
Current range 1.12A to 4.5A peak of sine
Electronic damping (anti-resonance)
Microstepping & microstep emulation
Built-in self test move profile
Step & direction inputs
CW Pulse/CCW pulse operation
Idle current reduction
Selectable digital input filter
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544
The STR4 stepper drive is a compact, powerful, digital step & direction drive, great for OEM applications requiring
basic step & direction control of a 2-phase step motor. The STR4 outputs up to 4.5 A/phase to the step motor, and
is compatible with a variety of 2-phase step motors that have been selected to optimize performance of both the
drive and motor.
The STR4 drive features advanced microstepping performance and sophisticated current control with anti-
resonance. Anti-resonance electronically damps motor and system resonances, which improves motor
smoothness and torque over a wide speed range.
Each STR4 step motor drive operates in either Step & Direction or Pulse/Pulse control mode. Selecting between
these two modes is done by moving a jumper located under the cover of the drive. Each STR4 drive can microstep
up to 20,000 steps/rev with a 1.8º step motor (1/100 step), and can even microstep the step motor when the
command pulses are low resolution. This feature is called Microstep Emulation. All drive setup is done via dip
switches and a rotary switch on the side of the drive, including motor selection, running current, idle current, and
step resolution.
Description


Similar Part No. - STR4

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
STR4.3LF160QG CIT-STR4.3LF160QG Datasheet
542Kb / 2P
Surface Mount, Process Sealed Tactile
Rev A 2020/12
STR4.3LF200QG CIT-STR4.3LF200QG Datasheet
542Kb / 2P
Surface Mount, Process Sealed Tactile
Rev A 2020/12
STR4.3LF260QG CIT-STR4.3LF260QG Datasheet
542Kb / 2P
Surface Mount, Process Sealed Tactile
Rev A 2020/12
logo
Pan Jit International I...
STR40100CB PANJIT-STR40100CB Datasheet
326Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
STR40100CB_R2_00001 PANJIT-STR40100CB_R2_00001 Datasheet
326Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
More results

Similar Description - STR4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST5-C-CN ETC2-ST5-C-CN Datasheet
603Kb / 7P
DC CANopen Advanced Microstep Drive
ST5-IP-EN ETC2-ST5-IP-EN Datasheet
608Kb / 9P
DC EtherNet/IP Advanced Microstep Drive
ST5-S ETC2-ST5-S Datasheet
635Kb / 7P
DC Advanced Microstep Drive
ST10-IP-EN ETC2-ST10-IP-EN Datasheet
936Kb / 10P
DC EtherNet/IP Advanced Microstep Drive
ST10-PLUS ETC2-ST10-PLUS Datasheet
969Kb / 9P
DC Advanced Microstep Drive w/ Q Programming
ST10-S ETC2-ST10-S Datasheet
962Kb / 8P
DC Advanced Microstep Drive
STAC5-S-N120 ETC2-STAC5-S-N120 Datasheet
846Kb / 7P
AC Advanced Microstep Drive
STAC5-S-N220 ETC2-STAC5-S-N220 Datasheet
848Kb / 7P
AC Advanced Microstep Drive
STR2 ETC2-STR2 Datasheet
779Kb / 5P
DC Advanced Microstep Drive
STR8 ETC2-STR8 Datasheet
748Kb / 5P
DC Advanced Microstep Drive
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com