Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5160DM Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5160DM
Description  Programable PLL Frequency Synthesizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5160DM Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5160DM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5160DM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5160DM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5160DM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5160DM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5160DM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5160DM Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NIPPON PRECISION CIRCUITS-3
SM5160CM/DM
SPECIFICATIONS
Absolute Maximum Ratings
Electrical Characteristics
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range 1
VDD1
−VSS
−0.3 to +7.0
V
VDD2
−VSS
Supply voltage range 2
VDD3-VSS
−0.3 to +7.0
V
Input voltage range
VIN
VSS
−0.3 to VDD+0.3
V
Operating temperature range
TOPR
−10 to +60
°C
Storage temperature range
TSTG
−40 to +125
°C
Soldering temperature range
TSLD
250
°C
Soldering time range
tSLD
10
sec
Rating
Parameter
Symbol
Condition
min
typ
max
Unit
Supply voltage 1
VDD1,VDD2
VDD1 and VDD2 pins
0.95
1.00
2.0
V
Supply voltage 2
VDD3
VDD3 pin
2.0
3.0
3.3
V
FIN= 90MHz, 0.5VP-P sine wave
XIN= 12.8MHz, 0.5VP-P sine wave
0.80
1.20
mA
Current consumption
IDD1
VDD1= VDD2= 0.95 to 1.05V
(*1)
FIN= 95MHz, 0.5VP-P sine wave
XIN= 12.8MHz, 0.5VP-P sine wave
0.85
1.40
mA
VDD1= VDD2= 0.98 to 1.08V
Standby-mode current consumption
IDD2
VDD1= VDD2= 0V
10
µA
FIN: 0.5VP-P sine wave
90
MHz
FIN maximum operating frequency
fMAX1
VDD1= VDD2= 0.95 to 2.0V
FIN: 0.5VP-P sine wave
95
MHz
VDD1= VDD2= 0.98 to 2.0V
XIN maximum operating frequency
fMAX2
XIN: 0.5VP-P sine wave
13
MHz
FIN minimum operating frequency
fMIN1
FIN: 0.5VP-P sine wave
40
MHz
XIN minimum operating frequency
fMIN2
XIN: 0.5VP-P sine wave
7
MHz
FIN and XIN input voltage
VIN
FIN and XIN pins
0.5
VDD1
VP-P
CLK, DATA and LE
VIH
VDD3
− 0.3
V
input voltage
VIL
0.3
V
XIN input current
IIH1
VIH= VDD1
10
µA
IIL1
VIL= 0V
10
µA
FIN input current
IIH2
VIH= VDD1
60
µA
IIL2
VIL= 0V
60
µA
DOA and DOP
IOH1
VDD3= 2.7 to 3.3V, VOH= VDD3
− 0.4V
1.0
mA
output current
IOL1
VDD3= 2.7 to 3.3V, VOL= 0.4V
1.0
mA
LD, FV and FR
IOH1
VOH= VDD2
− 0.4V
0.1
mA
output current
IOL1
VOH= 0.4V
0.1
mA
DATA to CLK and CLK to LE
tSU1
2
µs
setup time
tSU2
2
µs
hold time
tH
2
µs
(VDD1= VDD2= 0.95 to 2.0V, VDD3= 2.0 to 3.3V, VSS= 0V, Ta=
−10 to +60 °C unless otherwise noted)
*1
Current consumption is the current consumed from VDD1 and VDD2.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com