Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5160DM Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5160DM
Description  Programable PLL Frequency Synthesizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5160DM Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5160DM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5160DM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5160DM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5160DM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5160DM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5160DM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5160DM Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NIPPON PRECISION CIRCUITS-5
SM5160CM/DM
Lowpass Filter Connection
An external lowpass filter connects to DOP or DOA.
The output form the filter is fed to a voltage-controlled
oscillator (VCO) which generates the PLL output.
DOP is intended for use with a passive filter as shown
in figure 1. DOA is intended for use with an active filter
as shown in figure 2.
Figure 1. Passive lowpass filter circuit
Figure 2. Active lowpass filter circuit
Programmable Frequency Divider
The input frequency divider and reference frequency
divider ratios can be programmed using the serial data
input.
Input data consists of 16 data bits, in the order msb to
lsb, followed by a control bit, as shown in figure 3 and 4.
SM5160CM
If the control bit is set to 0, the data is written to the
16-bit latch and then passed to the input frequency
divider.
If the control bit is set to 1, the 2 lsbs are ignored and
the remaining data is written to the 14-bit latch and then
passed to the reference frequency divider.
Figure 3. Serial data format (SM5160CM)
SM5160DM
If the control bit is set to 0, the data is written to the
16-bit latch and then passed to the input frequency
divider.
If the control bit is set to 1, the 2 lsbs and 3msbs are
ignored and the remaining data is written to the 11-bit
latch and then passed to the reference frequency divider.
DOP
C
R2
R1
VCO
VDD
DOA
RL
R1
R2
VDD
VCO
C
510kΩ
FUNCTIONAL DESCRIPTION
ignored
16BIT (N- COUNTER DATA)
14BIT (R- COUNTER DATA)
1: R-LATCH
0: N-LATCH
ignored
ignored
16BIT (N- COUNTER DATA)
11BIT (R- COUNTER DATA)
1: R-LATCH
0: N-LATCH
Figure 4. Serial data format (SM5160DM)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com