Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3P2183AF Datasheet(PDF) 3 Page - ON Semiconductor

Part # 3P2183AF
Description  EMI Reduction IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

3P2183AF Datasheet(HTML) 3 Page - ON Semiconductor

  3P2183AF Datasheet HTML 1Page - ON Semiconductor 3P2183AF Datasheet HTML 2Page - ON Semiconductor 3P2183AF Datasheet HTML 3Page - ON Semiconductor 3P2183AF Datasheet HTML 4Page - ON Semiconductor 3P2183AF Datasheet HTML 5Page - ON Semiconductor 3P2183AF Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ASM3P2183A
http://onsemi.com
3
Table 4. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
−0.5 to +4.6
V
TSTG
Storage temperature
−65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22− A114−B)
2
KV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 5. RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
TA
Operating Temperature
0
+70
°C
VDD
Core Voltage
+3.0
+3.3
+3.6
V
Table 6. DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS − 0.3
−
0.8
V
VIH
Input high voltage
2.0
−
VDD + 0.3
V
IIL
Input low current
−
−
−35
mA
IIH
Input high current
−
−
35
mA
IXOL
XOUT Output low current
(@ 0.4 V, VDD = 3.3 V)
−
3
−
mA
IXOH
XOUT Output high current
(@ 2.5 V, VDD = 3.3 V)
−
3
−
mA
VOL
Output low voltage (VDD = 3.3 V, IOL = 20 mA)
−
−
0.4
V
VOH
Output high voltage (VDD = 3.3 V, IOH = 20 mA)
2.5
−
−
V
ICC
Dynamic supply current
Normal mode (3.3 V, 90 MHz and 10 pF loading)
−
28
−
mA
IDD
Static supply current (Note 1)
−
7.0
−
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power up time (first locked clock cycle after power up)
−
0.18
−
mS
ZOUT
Clock out impedance
−
50
−
W
1. XIN /CLKIN pin is pulled low.
Table 7. AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
6
−
90
MHz
ModOUT
Output frequency
6
−
90
MHz
tLH (Note 2)
Output rise time (measured at 0.8 V to 2.0 V)
0.3
0.9
1.1
nS
tHL (Note 2)
Output fall time (measured at 2.0 V to 0.8 V)
0.5
1.0
1.2
nS
tJC
Jitter (cycle to cycle)
−
−
200
pS
TD
Output duty cycle
45
50
55
%
2. tLH and tHL are measured with a capacitive load of 15 pF at 27 MHz.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com