Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3P2183AF Datasheet(PDF) 1 Page - ON Semiconductor

Part # 3P2183AF
Description  EMI Reduction IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

3P2183AF Datasheet(HTML) 1 Page - ON Semiconductor

  3P2183AF Datasheet HTML 1Page - ON Semiconductor 3P2183AF Datasheet HTML 2Page - ON Semiconductor 3P2183AF Datasheet HTML 3Page - ON Semiconductor 3P2183AF Datasheet HTML 4Page - ON Semiconductor 3P2183AF Datasheet HTML 5Page - ON Semiconductor 3P2183AF Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2011
August, 2011 − Rev. 3
1
Publication Order Number:
ASM3P2183A/D
ASM3P2183A
EMI Reduction IC
Description
The ASM3P2183A is a versatile spread spectrum frequency
modulator designed specifically for a wide range of input clock
frequencies from 6 MHz to 90 MHz. (Refer to Input Frequency and
Modulation Rate Table). The ASM3P2183A can generate an EMI
reduced clock from an OSC or a system generated clock. The
ASM3P2183A offers a Down Spread clock with a percentage
deviation of −1.25% and a Center Spread clock with a percentage
deviation of
± 0.42%.
The ASM3P2183A reduces electromagnetic interference (EMI) at
the clock source, allowing system wide reduction of EMI of down
stream clock and data dependent signals. The ASM3P2183A allows
significant system cost savings by reducing the number of circuit
board layers ferrite beads, shielding and other passive components that
are traditionally required to pass EMI regulations.
The ASM3P2183A uses the most efficient and optimized
modulation profile approved by the FCC and is implemented in a
proprietary all digital method.
The ASM3P2183A modulates the output of a single PLL in order to
“spread” the bandwidth of a synthesized clock, and more importantly,
decreases the peak amplitudes of its harmonics. This results in
significantly lower system EMI compared to the typical narrow band
signal produced by oscillators and most frequency generators.
Lowering EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation.’
Applications
The ASM3P2183A is targeted towards EMI management for
memory and LVDS interfaces in mobile graphic chipsets and
high−speed digital applications such as PC peripheral devices,
consumer electronics, and embedded controller systems.
Features
• FCC Approved Method of EMI Attenuation
• Provides up to 15 dB EMI Reduction
• Generates a 1X Low EMI Spread Spectrum Clock of the Input
Frequency
• Input Frequency Range: 6 MHz to 90 MHz
• Internal Loop Filter Minimizes External Components and Board
Space
• Selectable Spread Options: Down and Center Spread
• 2 Spread Frequency Deviation Selections: −1.25% or ± 0.42%
• Low Inherent Cycle−to−Cycle Jitter
• Supply Voltage: 3.3 V ± 0.3 V
• Low Power CMOS Design
• Supports Notebook VGA and Other LCD Timing Controller
Applications
• Products are Available for Industrial Temperature Range
• Available in 8−pin SOIC and TSSOP Packages
• These are Pb−Free Devices
http://onsemi.com
SOIC−8
S SUFFIX
CASE 751BD
PIN CONFIGURATION
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
FS1
FS0
VDD
ModOUT
XOUT
VSS
XIN / CLKIN
1
SS%
TSSOP−8
T SUFFIX
CASE 948AL


Similar Part No. - 3P2183AF

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
3P2 GRAYHILL-3P2 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
TOCOSAMERICA, INC.
3P206N TOCOS-3P206N Datasheet
3Mb / 8P
Miniature Toggle and Push Button Switches
3P206R TOCOS-3P206R Datasheet
3Mb / 8P
Miniature Toggle and Push Button Switches
logo
List of Unclassifed Man...
3P2210000 ETC1-3P2210000 Datasheet
296Kb / 6P
Miniature Pushwheel Switches
logo
C&K Components
3P2210000 CK-COMPONENTS-3P2210000 Datasheet
254Kb / 5P
Miniature Pushwheel Switches
More results

Similar Description - 3P2183AF

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2185A ALSC-ASM3P2185A Datasheet
388Kb / 7P
EMI Reduction IC
ASM3P2183A ALSC-ASM3P2183A Datasheet
177Kb / 8P
EMI Reduction IC
ASM3P2185B ALSC-ASM3P2185B Datasheet
174Kb / 7P
EMI Reduction IC
P2041A ALSC-P2041A Datasheet
285Kb / 9P
Versatile EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2183A PULSECORE-ASM3P2183A Datasheet
189Kb / 8P
EMI Reduction IC
P2041A PULSECORE-P2041A Datasheet
183Kb / 8P
Versatile EMI Reduction IC
logo
ON Semiconductor
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. P2
P2041A ONSEMI-P2041A Datasheet
112Kb / 7P
Versatile EMI Reduction IC
August, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com