Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1124 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS1124
Description  Dual Variable?뭃eluctance Sensor Interface IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1124 Datasheet(HTML) 5 Page - ON Semiconductor

  CS1124 Datasheet HTML 1Page - ON Semiconductor CS1124 Datasheet HTML 2Page - ON Semiconductor CS1124 Datasheet HTML 3Page - ON Semiconductor CS1124 Datasheet HTML 4Page - ON Semiconductor CS1124 Datasheet HTML 5Page - ON Semiconductor CS1124 Datasheet HTML 6Page - ON Semiconductor CS1124 Datasheet HTML 7Page - ON Semiconductor CS1124 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CS1124
http://onsemi.com
5
CIRCUIT DESCRIPTION
Figure 3 shows the part operating near the minimum input
thresholds. As the sin wave input threshold is increased, the
low side clamps become active (Figure 4). Increasing the
amplitude further (Figure 5), the high−side clamp becomes
active. These internal clamps allow for voltages up to −250 V
and 250 V on the sensor side of the setup (with R1 = R2 =
22 k) (reference the diagram page 1).
Figure 6 shows the effect using the diagnostic (DIAG)
function has on the circuit. The input threshold (negative) is
switched from a threshold of −160 mV to +160 mV when
DIAG goes from a low to a high. There is no hysteresis when
DIAG is high.
Figure 3. Minimum Threshold Operation
IN1, 200 mV/div
OUT1, 2.0 V/div
20 ms/div
Figure 4. Low−Side Clamp
IN1, 5.0 V/div
OUT1, 2.0 V/div
20 ms/div
Figure 5. Low− and High−Side Clamps
IN1, 5.0 V/div
OUT1, 2.0 V/div
20 ms/div
Figure 6. Diagnostic Operation
DIAG
5.0 V/div
20 ms/div
IN1
1.0 V/div
OUT1
5.0 V/div



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com