Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1124 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS1124
Description  Dual Variable?뭃eluctance Sensor Interface IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1124 Datasheet(HTML) 1 Page - ON Semiconductor

  CS1124 Datasheet HTML 1Page - ON Semiconductor CS1124 Datasheet HTML 2Page - ON Semiconductor CS1124 Datasheet HTML 3Page - ON Semiconductor CS1124 Datasheet HTML 4Page - ON Semiconductor CS1124 Datasheet HTML 5Page - ON Semiconductor CS1124 Datasheet HTML 6Page - ON Semiconductor CS1124 Datasheet HTML 7Page - ON Semiconductor CS1124 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 8
1
Publication Order Number:
CS1124/D
CS1124
Dual Variable−Reluctance
Sensor Interface IC
The CS1124 is a monolithic integrated circuit designed primarily to
condition signals used to monitor rotating parts.
The CS1124 is a dual channel device. Each channel interfaces to a
Variable Reluctance Sensor, and monitors the signal produced when a
metal object is moved past that sensor. An output is generated that is a
comparison of the input voltage and the voltage produced at the INAdj
lead. The resulting square−wave is available at the OUT pin.
When the DIAG pin is high, the reference voltage at INAdj is
increased. This then requires a larger signal at the input to trip the
comparator, and provides for a procedure to test for an open sensor.
Features
• Dual Channel Capability
• Built−In Test Mode
• On−Chip Input Voltage Clamping
• Works from 5.0 V Supply
• Accurate Built−In Hysteresis
• Pb−Free Packages are Available
Figure 1. Block Diagram
OUT1
To
mP
VCC
VCC VCC VCC
VCC
INP1
INAdj
DIAG
IN1
C1
R1
RRS
VRS
Variable
Reluctance
Sensor
+
−
COMP1
Active
Clamp
VCC
VCC
INP2
IN2
C2
R2
RRS
VRS
Variable
Reluctance
Sensor
+
−
COMP2
Active
Clamp
OUT2
To
mP
RAdj
GND
SOIC−8
CASE 751
CS1124
= Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
1
8
CS112
ALYW4
G
DIAG
GND
18
OUT2
IN2
OUT1
IN1
VCC
INAdj
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
http://onsemi.com
1
8


Similar Part No. - CS1124

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS1124-D ONSEMI-CS1124-D Datasheet
89Kb / 8P
Dual Variable-Reluctance Sensor Interface IC
April, 2001 ??Rev. 6
CS1124YD8 ONSEMI-CS1124YD8 Datasheet
89Kb / 8P
Dual Variable-Reluctance Sensor Interface IC
April, 2001 ??Rev. 6
CS1124YDR8 ONSEMI-CS1124YDR8 Datasheet
89Kb / 8P
Dual Variable-Reluctance Sensor Interface IC
April, 2001 ??Rev. 6
More results

Similar Description - CS1124

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS1124-D ONSEMI-CS1124-D Datasheet
89Kb / 8P
Dual Variable-Reluctance Sensor Interface IC
April, 2001 ??Rev. 6
NCV7001 ONSEMI-NCV7001 Datasheet
74Kb / 8P
Quad Variable Reluctance Sensor Interface IC
October, 2003 ??Rev. 2
logo
Zentrum Mikroelektronik...
ASI4U ZMD-ASI4U Datasheet
1Mb / 57P
Universal Actuator-Sensor Interface IC
logo
ON Semiconductor
NCV1124 ONSEMI-NCV1124 Datasheet
92Kb / 8P
Dual Variable?뭃eluctance Sensor Interface IC
April, 2006 ??Rev. 0
NCV7001 ONSEMI-NCV7001_05 Datasheet
92Kb / 8P
Quad Variable Reluctance Sensor Interface IC
July, 2005 ??Rev. 3
logo
IC-Haus GmbH
IC-DI ICHAUS-IC-DI Datasheet
55Kb / 15P
DUAL SENSOR INTERFACE
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
Capacitive Sensor Signal Interface IC
logo
Asahi Kasei Microsystem...
AK8996 AKM-AK8996 Datasheet
1Mb / 74P
Pressure Sensor Interface IC
logo
List of Unclassifed Man...
SAP5SD-A-G1-T ETC2-SAP5SD-A-G1-T Datasheet
657Kb / 63P
Universal Actuator-Sensor Interface IC
logo
Micro Analog systems
MAS6505 MAS-MAS6505 Datasheet
1Mb / 44P
Piezoresistive Sensor Signal Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com