Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5006AKDS Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM5006AKDS
Description  Crystal Oscillator Module ICs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5006AKDS Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM5006AKDS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 16Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SM5006 series
NIPPON PRECISION CIRCUITS—12
5V operation: VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C unless otherwise noted.
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Output rise time
tr1
Measurement cct 3,
load cct 1,
0.1VDD to 0.9VDD ,
C L = 15 pF
SM5006ANAS , CF5006ANA
SM5006ANBS , CF5006ANB
SM5006CNCS , CF5006CNC
SM5006CNDS , CF5006CND
SM5006DNCS , CF5006DNC
–
2.0
4.0
ns
SM5006ANCS , CF5006ANC
SM5006ANDS , CF5006AND
SM5006BNCS , CF5006BNC
SM5006CNES , CF5006CNE
SM5006DNES , CF5006DNE
–
1.5
3.0
tr2
Measurement cct 3,
load cct 1,
0.1VDD to 0.9VDD ,
C L = 30 pF
CF5006ANE
CF5006ANF
CF5006BNE
–
2.0
4.0
tr3
Measurement cct 3,
load cct 1,
0.1VDD to 0.9VDD ,
C L = 50 pF
SM5006ANAS , CF5006ANA
SM5006ANBS , CF5006ANB
SM5006CNCS , CF5006CNC
SM5006CNDS , CF5006CND
SM5006DNCS , CF5006DNC
–
4.0
8.0
SM5006ANCS , CF5006ANC
SM5006ANDS , CF5006AND
SM5006BNCS , CF5006BNC
SM5006CNES , CF5006CNE
SM5006DNES , CF5006DNE
–
3.5
7.0
SM5006ANES , CF5006ANE
SM5006ANFS , CF5006ANF
SM5006BNES , CF5006BNE
–
3.0
6.0
Output fall time
tf1
Measurement cct 3,
load cct 1,
0.9VDD to 0.1VDD ,
C L = 15 pF
SM5006ANAS , CF5006ANA
SM5006ANBS , CF5006ANB
SM5006CNCS , CF5006CNC
SM5006CNDS , CF5006CND
SM5006DNCS , CF5006DNC
–
2.0
4.0
ns
SM5006ANCS , CF5006ANC
SM5006ANDS , CF5006AND
SM5006BNCS , CF5006BNC
SM5006CNES , CF5006CNE
SM5006DNES , CF5006DNE
–
1.5
3.0
tf2
Measurement cct 3,
load cct 1,
0.9VDD to 0.1VDD ,
C L = 30 pF
CF5006ANE
CF5006ANF
CF5006BNE
–
2.0
4.0
tf3
Measurement cct 3,
load cct 1,
0.9VDD to 0.1VDD ,
C L = 50 pF
SM5006ANAS , CF5006ANA
SM5006ANBS , CF5006ANB
SM5006CNCS , CF5006CNC
SM5006CNDS , CF5006CND
SM5006DNCS , CF5006DNC
–
4.0
8.0
SM5006ANCS , CF5006ANC
SM5006ANDS , CF5006AND
SM5006BNCS , CF5006BNC
SM5006CNES , CF5006CNE
SM5006DNES , CF5006DNE
–
3.5
7.0
SM5006ANES , CF5006ANE
SM5006ANFS , CF5006ANF
SM5006BNES , CF5006BNE
–
3.0
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com