Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5006AKDS Datasheet(PDF) 14 Page - Nippon Precision Circuits Inc

Part # SM5006AKDS
Description  Crystal Oscillator Module ICs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5006AKDS Datasheet(HTML) 14 Page - Nippon Precision Circuits Inc

Back Button SM5006AKDS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 18Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
SM5006 series
NIPPON PRECISION CIRCUITS—14
5006
×K series
VSS = 0 V, Ta = −40 to 85 °C unless otherwise noted.
5006AH series
VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C unless otherwise noted.
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Output rise time
tr
Measurement cct 3, load cct 1,
0.4V to 2.4V, V DD = 4.5 to 5.5 V
C L = 15 pF
–
2
4
ns
C L = 50 pF
–
–
7
Output fall time
tf
Measurement cct 3, load cct 1,
2.4V to 0.4V, V DD = 4.5 to 5.5 V
C L = 15 pF
–
2
4
ns
C L = 50 pF
–
–
7
Output duty cycle*1
*1. Determined by the lot monitor.
Duty
Measurement cct 3,
load cct 1, Ta = 25
°C,
V DD = 5.0 V, CL = 15 pF
f
= 30MHz
SM5006AKAS
CF5006AKA
4 5–5 5
%
f
= 40MHz
SM5006AKBS
CF5006AKB
4 5–5 5
f
= 60MHz
SM5006AKCS
CF5006AKC
4 0–6 0
f
= 70MHz
SM5006AKDS
CF5006AKD
SM5006BKCS
CF5006BKC
4 5–5 5
f
= 50MHz
SM5006DKCS
CF5006DKC
4 5–5 5
f
= 70MHz
SM5006CKDS
CF5006CKD
SM5006DKCS
CF5006DKC
4 0–6 0
Output disable delay time
tPLZ
Measurement cct 3, load cct 1, Ta = 25
°C, V DD = 5 V, CL ≤ 15 pF
–
–
100
ns
Output enable delay time
tPZL
–
–
100
ns
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Output rise time
tr1
Measurement cct 3, load cct 1,
0.1VDD to 0.9VDD
C L = 15 pF
–
5.0
7.0
ns
tr2
C L = 50 pF
–
1 3
2 1
Output fall time
tf1
Measurement cct 3, load cct 1,
0.9VDD to 0.1VDD
C L = 15 pF
–
5.0
7.0
ns
tf2
C L = 50 pF
–
1 3
2 1
Output duty cycle*1
*1. Determined by the lot monitor.
Duty
Measurement cct 3,
load cct 1, Ta = 25
°C,
V DD = 5.0 V,
C L = 15 pF
f
= 30MHz
SM5006AHAS
CF5006AHA
4 5–5 5
%
f
= 40MHz
SM5006AHBS
CF5006AHB
4 5–5 5
f
= 50MHz
SM5006AHCS
CF5006AHC
4 5–5 5
f
= 60MHz,
Ta = –20 to 80
°C
CF5006AHC
4 0
–
6 0
f
= 60MHz,
Ta = –15 to 75
°C
SM5006AHCS
4 0
–
6 0
f
= 70MHz,
Ta = –20 to 80
°C
CF5006AHD
4 0
–
6 0
f
= 70MHz,
Ta = –15 to 75
°C
SM5006AHDS
4 0
–
6 0
Output disable delay time
tPLZ
Measurement cct 3, load cct 1, Ta = 25
°C, V DD = 5 V, CL ≤ 15 pF
–
–
100
ns
Output enable delay time
tPZL
–
–
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com