Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5166AV Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5166AV
Description  PLL Synthesizer IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5166AV Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5166AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5166AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5166AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5166AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5166AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5166AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5166AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5166AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5166AV Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SM5166AV
NIPPON PRECISION CIRCUITS—6
Input Data Format
Shift register timing
Latch select
The last (17th) data bit determines the status of the
shift register data latch.
Swallow counter and main counter frequency divider
Input data example
If the VCO output (fVCO) is trebled, the output
frequency (fLO) is 251.3 MHz, and the channel
bandwidth (fCH: operating frequency (fR) × 3) is 25
kHz, then the comparator frequency divider ratio N
is given by:
Therefore, the swallow counter count is 4 (00100)2
and the main frequency divider counter count is 314
(0000100111010)2. The input data format is shown
in figure 3.
Figure 1. Comparator data format
DATA
CLK
LE
12
345
678
9
10 11 12 13 14 15 16 17
MSB
LSB
CONTROL
Table 1. Latch select bit function
Bit 17
Latch
0
Swallow counter and main counter frequency divider
ratio latch select
1
Reference frequency counter divider ratio data and
LD output latch select
Figure 2. Swallow counter and main counter frequency divider data format
DATA
12
345
678
9
10 11 12 13 14 15 16 17
MSB
LSB
22
222
222
22
222
222
10
9
876
543
21
043
210
Main counter
(11-bit : 32 to 2047)
Swallow counter
(5-bit : 0 to 31)
Latch selection bit : Set to "0"
N
f
LO
f
CH
----------
f
VCO
3
×
f
R
3
×
-----------------------
251.3 3
⁄
0.025 3
⁄
--------------------
10052
32
314
4
+
×
==
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com