Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5166AV Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5166AV
Description  PLL Synthesizer IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5166AV Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5166AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5166AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5166AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5166AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5166AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5166AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5166AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5166AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5166AV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SM5166AV
NIPPON PRECISION CIRCUITS—2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O
Description
1
XIN
I
Reference frequency divider crystal (oscillator) connection pins. Alternatively, an external clock input can
be connected to XIN. The clock is also output on XOUT.
Feedback resistor built-in for AC-coupled inputs.
2
XOUT
O
3
VDD2
–
Phase detector, charge pump and boost-up signal 3 V supply
4
DB
O
boost-up signal output for faster locking
5DO
O
Phase detector output pin.
Built-in charge pump and tristate output means that this output can be connected to a low-pass filter.
The output polarity is preset for connection to a passive filter.
6
VSS
–
Ground pin
7
FIN
I
Operating frequency divider input pin.
Feedback resistor built-in for AC-coupled inputs.
8
VDD1
–
Reference frequency and operating frequency prescaler and counter 1 V supply
9
NC
–
No connection
10
LD
O
Unlock signal output pin. (Unlocked when HIGH)
The function of LD can be turned OFF using the LD input control bit (LD should be tied LOW when not
used).
11
CLK
I
Control data clock input pin
12
DATA
I
Control data input pin
13
LE
I
Control data latch enable signal input pin
14
OPR
I
Power-save control pin.
Start when HIGH, standby mode when LOW.
15
NC
–
No connection
16
TEST
I
Test pin.
Pull-down resistor built-in. Leave open or connect to ground for normal operation.
13 BIT
R COUNTER
PHASE
DETECTOR
LOCK
DETECTOR
CHARGE
PUMP
16 BIT
N COUNTER
VDD1
DATA
LD
VSS
XOUT
LE
CLK
TEST
DB
DO
16 BIT LATCH
14 BIT LATCH
16 BIT
SHIFT REGISTER
XIN
1/8
PRESCALER
VDD1
AREA
VDD2
AREA
VDD1
AREA
VDD2
BOOSTER
S. G.
LATCH
SELECTOR
FIN
WINDOW
GENERATOR
OPR
LEVEL
SHIFTER
LEVEL
SHIFTER
LEVEL
SHIFTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com