Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF4207 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMDF4207
Description  Dual P-Channel Field Effect Transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF4207 Datasheet(HTML) 1 Page - ON Semiconductor

  MMDF4207 Datasheet HTML 1Page - ON Semiconductor MMDF4207 Datasheet HTML 2Page - ON Semiconductor MMDF4207 Datasheet HTML 3Page - ON Semiconductor MMDF4207 Datasheet HTML 4Page - ON Semiconductor MMDF4207 Datasheet HTML 5Page - ON Semiconductor MMDF4207 Datasheet HTML 6Page - ON Semiconductor MMDF4207 Datasheet HTML 7Page - ON Semiconductor MMDF4207 Datasheet HTML 8Page - ON Semiconductor MMDF4207 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 3
1
Publication Order Number:
MMDF4207/D
MMDF4207
Dual P-Channel
Field Effect Transistors
Medium Power Surface Mount Products
These devices are an advanced series of power MOSFETs which
utilize ON Semiconductor’s latest MOSFET technology process to
achieve the lowest possible on−resistance per silicon area. They are
capable of withstanding high energy in the avalanche and
commutation modes and the drain−to−source diode has a very low
reverse recovery time. These devices are designed for use in low
voltage, high speed switching applications where power efficiency is
important. Typical applications are dc−dc converters, and power
management in portable and battery powered products such as
computers, printers, cellular and cordless phones. They can also be
used for low voltage motor controls in mass storage products such as
disk drives and tape drives. The avalanche energy is specified to
eliminate the guesswork in designs where inductive loads are switched
and offer additional safety margin against unexpected voltage
transients.
• Ultra Low RDS(on) Provides Higher Efficiency and
Extends Battery Life in Portable Applications
• Characterized Over a Wide Range of Power Ratings
• Logic Level Gate Drive − Can Be Driven by
Logic ICs
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, with Soft Recovery
• IDSS Specified at Elevated Temperature
• Miniature SO−8 Surface Mount Package −
Saves Board Space
DUAL POWER MOSFET
6.2 AMPERES
20 VOLTS
RDS(on) = 0.033 Ω
SO−8
CASE 751
STYLE 11
D
S
G
SOURCE 1
TOP VIEW
GATE 1
SOURCE 2
GATE 2
DRAIN 1
DRAIN 1
DRAIN 2
DRAIN 2
1
2
3
4
8
7
6
5
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
1
8


Similar Part No. - MMDF4207

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF4C03HD MOTOROLA-MMDF4C03HD Datasheet
275Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 30 VOLTS
logo
ON Semiconductor
MMDF4C03HD ONSEMI-MMDF4C03HD Datasheet
368Kb / 16P
Complementary SO??, Dual Power MOSFET
June, 2004 ??Rev. XXX
MMDF4C03HDR2 ONSEMI-MMDF4C03HDR2 Datasheet
368Kb / 16P
Complementary SO??, Dual Power MOSFET
June, 2004 ??Rev. XXX
logo
Motorola, Inc
MMDF4N01HD MOTOROLA-MMDF4N01HD Datasheet
281Kb / 10P
DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS
logo
ON Semiconductor
MMDF4N01HD ONSEMI-MMDF4N01HD Datasheet
257Kb / 12P
N?묬hannel Power MOSFET
June, 2004 ??Rev. XXX
More results

Similar Description - MMDF4207

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J174 PHILIPS-J174 Datasheet
33Kb / 6P
P-channel silicon field-effect transistors
April 1995
PMBFJ174 PHILIPS-PMBFJ174 Datasheet
34Kb / 6P
P-channel silicon field-effect transistors
April 1995
logo
List of Unclassifed Man...
RFM6P08 ETC-RFM6P08 Datasheet
445Kb / 8P
P CHANNEL ENHANCEMENT MODE POWER FIELD EFFECT TRANSISTORS
logo
GE Solid State
RFM10P12 GESS-RFM10P12 Datasheet
242Kb / 4P
P-CHANNEL ENHANCEMENT - MODE POWER FIELD-EFFECT TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3993 NJSEMI-2N3993 Datasheet
136Kb / 1P
P-CHANNEL JINCTION FIELD EFFECT TRANSISTORS
RFP5P12 NJSEMI-RFP5P12 Datasheet
88Kb / 2P
P-Channel Enhancement-Mode Power Field-Effect Transistors
RFM5P12 NJSEMI-RFM5P12 Datasheet
88Kb / 2P
P-Channel Enhancement-Mode Power Field-Effect Transistors
logo
Motorola, Inc
MGSF3441VT1 MOTOROLA-MGSF3441VT1 Datasheet
102Kb / 6P
TMOS Single P-channel Field Effect Transistors
logo
New Jersey Semi-Conduct...
J174 NJSEMI-J174 Datasheet
80Kb / 1P
P-channel silicon field-effect transistors
2N3329 NJSEMI-2N3329 Datasheet
86Kb / 1P
P-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com