Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF4207 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMDF4207
Description  Dual P-Channel Field Effect Transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF4207 Datasheet(HTML) 2 Page - ON Semiconductor

  MMDF4207 Datasheet HTML 1Page - ON Semiconductor MMDF4207 Datasheet HTML 2Page - ON Semiconductor MMDF4207 Datasheet HTML 3Page - ON Semiconductor MMDF4207 Datasheet HTML 4Page - ON Semiconductor MMDF4207 Datasheet HTML 5Page - ON Semiconductor MMDF4207 Datasheet HTML 6Page - ON Semiconductor MMDF4207 Datasheet HTML 7Page - ON Semiconductor MMDF4207 Datasheet HTML 8Page - ON Semiconductor MMDF4207 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MMDF4207
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise specified)
Characteristics
Symbol
Maximum
Unit
Drain−to−Source Voltage
Drain−to−Gate Voltage (RGS = 1.0 MW)
Gate−to−Source Voltage − Continuous
VDSS
VDGR
VGS
20
12
±12
V
1 Inch Square @
10 seconds on
FR−4 or G−10 PCB
Thermal Resistance
− Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current − Continuous @ TA = 25°C
Drain Current − Continuous @ TA = 70°C
Drain Current − Pulsed Drain Current (1)
RTHJA
PD
ID
ID
IDM
62.5
2.0
16
7.8
5.7
40
°C/W
Watts
mW/°C
A
A
A
1 Inch Square @
Steady State on
FR−4 or G−10 PCB
Thermal Resistance
− Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current − Continuous @ TA = 25°C
Drain Current − Continuous @ TA = 70°C
Drain Current − Pulsed Drain Current (1)
RTHJA
PD
ID
ID
IDM
98
1.28
10.2
6.2
4.6
35
°C/W
Watts
mW/°C
A
A
A
Minimum Pad @
Steady State on
FR−4 or G−10 PCB
Thermal Resistance
− Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current − Continuous @ TA = 25°C
Drain Current − Continuous @ TA = 70°C
Drain Current − Pulsed Drain Current (1)
RTHJA
PD
ID
ID
IDM
166
0.75
6.0
4.8
3.5
30
°C/W
Watts
mW/°C
A
A
A
Operating and Storage Temperature Range
TJ, Tstg
−55 to 150
°C
Single Pulse Drain−to−Source Avalanche Energy − Starting TJ = 25°C
(VDD = 20 Vdc, VGS = 4.5 Vdc, Peak IL = 5.0 Apk, L = 40 mH, RG = 25 W)
EAS
500
mJ
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
(1) Repetitive rating; pulse width limited by maximum junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com