Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CPCL
Description  Wirewound/Metal Film Resistors,Commercial Power, Vertical Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPCL Datasheet(HTML) 1 Page - Vishay Siliconix

  CPCL_15 Datasheet HTML 1Page - Vishay Siliconix CPCL_15 Datasheet HTML 2Page - Vishay Siliconix CPCL_15 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 30218
For technical questions, contact: ww2aresistors@vishay.com
www.vishay.com
Revision: 17-Feb-11
1
Wirewound/Metal Film Resistors,
Commercial Power, Vertical Mount
CPCL, CPCC, CPCP, CPCF
Vishay Dale
FEATURES
• Board space saving due to vertical design
• Meets or exceeds requirements of EIA Standard
RS-344
• High power to size ratio
• Special
inorganic
potting
compound
and
ceramic case provide high thermal conductivity
in a fireproof package
• Compliant to RoHS Directive 2002/95/EC
Notes
• Non-inductively wound types are available on the CPCP series signified by a 1 in the special character on part number such as
CPCP0510R00FB321. Max. resistance value will be ½ of the standard CPCP.
(1) CPCx07 is only available as CPCC or CPCF High Volume style which is noted by using E66 package code and can be found on datasheet
www.vishay.com/doc?30116.
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P70 °C W
RESISTANCE RANGE
TOLERANCE
± %
WEIGHT (typical)
g
CPCL02
CPCL-2
2
0.01 to 0.10
5, 10
3.5
CPCC02
CPCC-2
2
0.1 to 500
5, 10
3.5
CPCP02
CPCP-2
2
0.1 to 4K
1, 5
3.5
CPCF02
CPCF-2
2
501 to 150K
1, 5, 10
3.5
CPCL03
CPCL-3
3
0.01 to 0.10
5, 10
5.5
CPCC03
CPCC-3
3
0.1 to 800
5, 10
5.5
CPCP03
CPCP-3
3
0.1 to 5K
1, 5
5.5
CPCF03
CPCF-3
3
801 to 150K
1, 5, 10
5.5
CPCL05
CPCL-5
5
0.01 to 0.10
5, 10
6.9
CPCC05
CPCC-5
5
0.1 to 800
5, 10
6.9
CPCP05
CPCP-5
5
0.1 to 5K
1, 5
6.9
CPCF05
CPCF-5
5
801 to 150K
1, 5, 10
6.9
CPCC07/CPCF07 (1)
CPCC07/CPCF07
7
0.1 to 50K
5, 10
9.2
CPCL10
CPCL-10
10
0.01 to 0.10
5, 10
14.3
CPCC10
CPCC-10
10
0.1 to 1.5K
5, 10
14.3
CPCP10
CPCP-10
10
0.1 to 8K
1, 5
14.3
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CPCLxx
CPCCxx
CPCPxx
CPCFxx
Temperature Coefficient
ppm/°C ± 100 = 0.05  to 0.1 
± 400 = 0.01
 to 0.049 
± 300 = 1.0
 and above,
± 600 = 0.1
 to 0.99 ,
± 400 for CPCC07
± 20 = 10
 and above,
± 50 = 1.0
 to 9.9 
± 90 = 0.1
 to 0.99 
± 50 all values,
± 400 for CPCF07
Short Time Overload
-
5 x rated power for 5 s
Maximum Working Voltage
V(P x R)1/2
Operating Temperature Range
°C
- 65 to + 275
- 65 to + 225
Terminal Strength
lb
10 minimum
Dielectric Withstanding Voltage
VAC
1000
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: CPCC0515R00JB32
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
SPECIAL
(See Standard Electrical
Specifications Global
Model column for
options)
R = Decimal
K = Thousand
R1500 = 0.15
1K500 = 1500
F = ± 1.0 %
H = ± 3.0 %
J = ± 5.0 %
K = ± 10.0 %
E32 = Lead (Pb)-free two layer bulk
E01 = Lead (Pb)-free skin pack
E66 = Lead (Pb)-free bulk (CPCx07 only)
(Dash number)
(up to 3 digits)
From 1 to 999
as applicable
B32 = Tin/lead two layer bulk
J01 = Tin/lead skin pack
Historical Part Numbering example: CPCC-5 15
 5 % B32
CPCC-5
15
5 %
B32
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
* Pb containing terminations are not RoHS compliant, exemptions may apply
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
P
C
C
051
5
R
00
J
B
3
2
C


Similar Part No. - CPCL_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPCL-10 VISHAY-CPCL-10 Datasheet
100Kb / 2P
Wirewound Resistors, Commercial Power, Vertical Mount
28-Aug-02
More results

Similar Description - CPCL_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPCL VISHAY-CPCL Datasheet
100Kb / 2P
Wirewound Resistors, Commercial Power, Vertical Mount
28-Aug-02
CPSM VISHAY-CPSM Datasheet
94Kb / 2P
Wirewound Resistors, Commercial Power, Surface Mount
07-Feb-02
logo
IRC - a TT electronics ...
CVF21000JLFTR IRCTT-CVF21000JLFTR Datasheet
129Kb / 3P
Commercial Grade Vertical Mount Power Wirewound & Film Resistors
logo
Vishay Siliconix
CP002M VISHAY-CP002M Datasheet
227Kb / 3P
Wirewound Resistors, Commercial Power, Surface Mount
05-Apr-11
CPSM VISHAY-CPSM_12 Datasheet
78Kb / 3P
Wirewound Resistors, Commercial Power, Surface Mount
22-Dec-11
CPCC0547R00JE32 VISHAY-CPCC0547R00JE32 Datasheet
95Kb / 3P
Wirewound/Metal Film Resistors, Commercial Power, Vertical Mount
17-Feb-11
CPR VISHAY-CPR Datasheet
459Kb / 4P
Wirewound/Metal Oxide Resistors, Commercial Power, Radial Terminals
05-Feb-2020
CPCC VISHAY-CPCC Datasheet
88Kb / 3P
Wirewound/Metal Oxide Resistors, Commercial Power, Vertical Mount
05-Feb-2020
AMW VISHAY-AMW Datasheet
152Kb / 7P
Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
14-Feb-08
AMWS VISHAY-AMWS Datasheet
138Kb / 6P
Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
19-Feb-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com