Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CPCL
Description  Wirewound/Metal Film Resistors,Commercial Power, Vertical Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPCL Datasheet(HTML) 2 Page - Vishay Siliconix

  CPCL_15 Datasheet HTML 1Page - Vishay Siliconix CPCL_15 Datasheet HTML 2Page - Vishay Siliconix CPCL_15 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: ww2aresistors@vishay.com
Document Number: 30218
2
Revision: 17-Feb-11
CPCL, CPCC, CPCP, CPCF
Vishay Dale
Wirewound/Metal Film Resistors,
Commercial Power, Vertical Mount
DIMENSIONS in inches [millimeters]
MATERIAL SPECIFICATIONS
Part Marking: DALE, model, wattage, value, tolerance, date
code
CPCL: Element: Self-supporting copper-nickel alloy or
nickel-chrome alloy, depending on resistance value
Body:
Steatite ceramic case with
inorganic potting
compound
Terminals: Tinned copper
CPCC: Element: Copper-nickel alloy or nickel-chrome
alloy, depending on resistance value
Core: Woven fiberglass (CPCC07 is alumina ceramic)
Body:
Steatite ceramic case with
inorganic potting
compound
End Caps: Tin plated steel
Terminals: Tinned copper
CPCP: Element: Copper-nickel alloy or nickel-chrome
alloy, depending on resistance value
Core: Ceramic
Body:
Steatite ceramic case with
inorganic potting
compound
End Caps: Stainless steel
Terminals: Tinned Copperweld®
CPCF: Element: Metal film - nickel-chrome alloy (CPCF07
is nickel oxide)
Core: Alumina ceramic
Body:
Steatite ceramic case with
inorganic potting
compound
End Caps: Brass alloy
Terminals: Solder-coated copper (CPCF07 is tinned
copper)
DERATING
Note
• CPCC07 and CPCF07 deratings begin at 40 °C in lieu of 70 °C
GLOBAL MODEL
DIMENSIONS in inches [millimeters]
A
± 0.031 [0.794]
B
± 0.031 [0.794]
C
+ 0.043 [1.09]
- 0.012 [0.305]
D
± 0.005 [0.127]
E
± 0.040 [1.02]
CPCL02, CPCC02
CPCP02, CPCF02
0.807 [20.50]
0.433 [11.00]
0.276 [7.01]
0.032 [0.813]
0.197 [5.00]
CPCL03, CPCC03
CPCP03, CPCF03
0.984 [24.99]
0.472 [11.99]
0.315 [8.00]
0.032 [0.813]
0.197 [5.00]
CPCL05, CPCC05
CPCP05, CPCF05
1.003 [25.48]
0.512 [13.00]
0.354 [8.99]
0.032 [0.813]
0.197 [5.00]
CPCC07, CPCF07
1.535 ± 0.059
[39.00 ± 1.50]
0.512 ± 0.043
[13.00 ± 1.10]
0.354 ± 0.043
[9.00 ± 1.10]
0.032 ± 0.005
[0.813 ± 0.127]
0.197 + 0.079/- 0.039
[5.00 + 2.0/- 1.0]
CPCL10, CPCP10
1.372 [34.85]
0.633 [16.08]
0.485 [12.32]
0.040 [1.02]
0.290 [7.37]
CPCC10
0.036 [0.914]
A
E
D
C
B
0.177
[4.50
]
+ 1.98
- 0.991
+ 0.078
- 0.039
AMBIENT TEMPERATURE IN °C
CPCL
CPCC
CPCP
CPCF
- 65 - 25
25
75
125
175
225
275
70
0
20
40
60
80
100
120
PERFORMANCE
TEST
CONDITIONS OF TEST
CPCP TEST LIMITS
CPCC, CPCL, CPCF
TEST LIMITS
Thermal Shock
- 55 °C to + 275 °C (+ 225 °C for CPCF),
5 cycles, 30 min dwell time
± (2.0 % + 0.05
) R
± (5.0 % + 0.05
) R
Short Time Overload
5 x rated power for 5 s
± (2.0 % + 0.05
) R
± (4.0 % + 0.05
) R
Dielectric Withstanding Voltage
1000 VRMS for 1 min
± (0.1 % + 0.05
) R
± (2.0 % + 0.05
) R
Low Temperature Storage
- 65 °C, full rated working voltage for 45 min
± (2.0 % + 0.05
) R
± (3.0 % + 0.05
) R
Bias Humidity
75 °C, 90 % to 100 % RH, 240 h
± (2.0 % + 0.05
) R
± (5.0 % + 0.05
) R
Load Life
1000 h at rated power, + 40 °C, 1.5 h “ON”, 0.5 h “OFF”
± (5.0 % + 0.05
) R
± (5.0 % + 0.05
) R
Terminal Strength
5 s to 10 s 10 pound pull test
± (1.0 % + 0.05
) R
± (1.0 % + 0.05
) R
Resistance to Solder Heat
Terminal immersed 3.5 s in molten solder up to body
± (1.0 % + 0.05
) R
± (4.0 % + 0.05
) R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com