Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CPL
Description  Wirewound Resistors, Commercial Power, Axial Lead, Low Value
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPL Datasheet(HTML) 1 Page - Vishay Siliconix

  CPL Datasheet HTML 1Page - Vishay Siliconix CPL Datasheet HTML 2Page - Vishay Siliconix CPL Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
For technical questions, contact: ww2aresistors@vishay.com
Document Number: 30212
54
Revision: 10-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CPL
Vishay Dale
Wirewound Resistors, Commercial Power, Axial Lead, Low Value
FEATURES
• High power to size ratio
• Low inductance, less than 5 nH
• Ceramic cases are available with circuit board
stand-offs (designated with a -3 model ending)
• Superior surge capability
• Extremely low resistance values
• Complete welded construction
• Special
inorganic
potting
compound
and
ceramic case provide high thermal conductivity
in a fireproof package
• Compliant to RoHS Directive 2002/95/EC
Note
(1) Resistance is measured 3/8" [9.52 mm] from resistor body.
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P40 °C
W
RESISTANCE
RANGE 
TOLERANCE
± %
WEIGHT
(typical)
g
CPL03
CPL-3
3
0.01 to 0.10
1, 3, 5, 10
3.4
CPL03...3
CPL-3-3
3
0.01 to 0.10
1, 3, 5, 10
3.6
CPL05
CPL-5
5
0.01 to 0.10
1, 3, 5, 10
4.8
CPL05...3
CPL-5-3
5
0.01 to 0.10
1, 3, 5, 10
5.0
CPL07
CPL-7
7
0.01 to 0.10
1, 3, 5, 10
6.8
CPL07...3
CPL-7-3
7
0.01 to 0.10
1, 3, 5, 10
7.0
CPL10
CPL-10
10
0.01 to 0.10
1, 3, 5, 10
9.5
CPL10...3
CPL-10-3
10
0.01 to 0.10
1, 3, 5, 10
9.9
CPL15
CPL-15
15
0.01 to 0.10
1, 3, 5, 10
16.8
CPL15...3
CPL-15-3
15
0.01 to 0.10
1, 3, 5, 10
17.4
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CPL RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 300
Short Time Overload
-
5 x rated power for 5 s
Maximum Working Voltage
V
(P x R)1/2
Operating Temperature Range
°C
- 65 to + 275
Terminal Strength
lb
10 minimum
Dielectric Withstanding Voltage
VAC
1000
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: CPL05R0500JB143
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
SPECIAL
CPL03
CPL05
CPL07
CPL10
CPL15
R = Decimal
R1000 = 0.10
F = ± 1.0 %
G = ± 2.0 %
H = ± 3.0 %
J = ± 5.0 %
K = ± 10.0 %
E14 = Lead (Pb)-free bulk
E31 = Lead (Pb)-free four layer bulk
E01 = Lead (Pb)-free skin pack
(Dash Number)
(up to 3 digits)
From 1 to 999
as applicable
B14 = Tin/lead bulk
B31 = Tin/lead four layer bulk
J01 = Tin/lead skin pack
Historical Part Numbering example: CPL-5-3 0.05
 5 % B14
CPL-5-3
0.05
5 %
B14
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
* Pb containing terminations are not RoHS compliant, exemptions may apply
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
B1
4
3
P
L
05
R
0
50
0J
C


Similar Part No. - CPL

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CPL LINEAGEPOWER-CPL Datasheet
722Kb / 16P
48V DC Critical Power Solution
logo
Eaton All Rights Reserv...
CPL EATON-CPL Datasheet
872Kb / 6P
Multi-phase power inductors
CPL-2-50TR-R EATON-CPL-2-50TR-R Datasheet
872Kb / 6P
Multi-phase power inductors
logo
Mini-Circuits
CPL-20-14 MINI-CPL-20-14 Datasheet
305Kb / 1P
Bi-Directional Coupler
CPL-20-14+ MINI-CPL-20-14+ Datasheet
305Kb / 1P
Bi-Directional Coupler
More results

Similar Description - CPL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CW02C250R0JS70 VISHAY-CW02C250R0JS70 Datasheet
172Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
01-Feb-12
CW02B10R00JE7013 VISHAY-CW02B10R00JE7013 Datasheet
172Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
01-Feb-12
CPHV VISHAY-CPHV Datasheet
90Kb / 3P
Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
14-Aug-12
CPW VISHAY-CPW Datasheet
99Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
09-Jan-12
LVR VISHAY-LVR_15 Datasheet
104Kb / 3P
Wirewound Resistors, Precision Power, Low Value, Commercial, Axial Lead
19-Oct-15
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
18-Feb-16
CA0001 VISHAY-CA0001 Datasheet
86Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
05-Feb-2020
AMW VISHAY-AMW Datasheet
152Kb / 7P
Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
14-Feb-08
AMWS VISHAY-AMWS Datasheet
138Kb / 6P
Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
19-Feb-08
CA VISHAY-CA Datasheet
98Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com