Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CPL
Description  Wirewound Resistors, Commercial Power, Axial Lead, Low Value
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPL Datasheet(HTML) 2 Page - Vishay Siliconix

  CPL Datasheet HTML 1Page - Vishay Siliconix CPL Datasheet HTML 2Page - Vishay Siliconix CPL Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 30212
For technical questions, contact: ww2aresistors@vishay.com
www.vishay.com
Revision: 10-May-11
55
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CPL
Wirewound Resistors, Commercial Power,
Axial Lead, Low Value
Vishay Dale
DIMENSIONS in inches [millimeters]
Note
(1) Potting compound may extend outside of ceramic case up to 0.060 [1.52] maximum per side.
MATERIAL SPECIFICATIONS
Element: Self-supporting copper-nickel alloy or nickel-
chrome alloy, depending on resistance range
Body:
Steatite ceramic case with inorganic potting
compound
Terminals: Tinned copper
Part Marking: Dale, model, wattage, value, tolerance, date
code
DERATING
GLOBAL
MODEL
DIMENSIONS in inches [millimeters]
A (1)
± 0.031 [0.794]
B
± 0.031 [0.794]
C
± 0.031 [0.794]
D
± 0.031 [0.794]
E
± 0.001 [0.025]
CPL03
0.875 [22.22]
0.313 [7.94]
0.313 [7.94]
-
0.036 [0.914]
CPL03...3
0.875 [22.22]
0.313 [7.94]
0.313 [7.94]
0.375 [9.52]
0.036 [0.914]
CPL05
0.875 [22.22]
0.375 [9.52]
0.344 [8.73]
-
0.036 [0.914]
CPL05...3
0.875 [22.22]
0.375 [9.52]
0.344 [8.73]
0.406 [10.32]
0.036 [0.914]
CPL07
1.391 [35.32]
0.375 [9.52]
0.344 [8.73]
-
0.036 [0.914]
CPL07...3
1.391 [35.32]
0.375 [9.52]
0.344 [8.73]
0.469 [11.91]
0.036 [0.914]
CPL10
1.875 [47.62]
0.375 [9.52]
0.344 [8.73]
-
0.036 [0.914]
CPL10...3
1.875 [47.62]
0.375 [9.52]
0.344 [8.73]
0.469 [11.91]
0.036 [0.914]
CPL15
1.875 [47.62]
0.500 [12.70]
0.500 [12.70]
-
0.036 [0.914]
CPL15...3
1.875 [47.62]
0.500 [12.70]
0.500 [12.70]
0.625 [15.87]
0.036 [0.914]
A
B
C
CPLxx
E
1.0 [25.4]
minimum
0.125 [3.18]
typical
1.0 [25.4]
minimum
D
B
CPLxx...3
E
C
A
- 65 - 25
25
75
125
175
225
275
AMBIENT TEMPERATURE IN
°C
40
0
20
40
60
80
100
120
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS (EIA RS-344)
Thermal Shock
- 55 °C to + 275 °C, 5 cycles, 30 min dwell time
± (5.0 % + 0.05
) R
Short Time Overload
5 x rated power for 5 s
± (4.0 % + 0.05
) R
Dielectric Withstanding Voltage
1000 VRMS for 1 min
± (2.0 % + 0.05
) R
Low Temperature Operation
- 65 °C, full rated working voltage for 45 min
± (3.0 % + 0.05
) R
Bias Humidity
75 °C, 90 % to 100 % RH, 240 h
± (5.0 % + 0.05
) R
Load Life
1000 h at rated power, + 40 °C, 1.5 h “ON”, 0.5 h “OFF”
± (5.0 % + 0.05
) R
Terminal Strength
5 s to 10 s 10 pound pull test, torsion test - 3 alternating directions,
360° each
± (1.0 % + 0.05
) R
Resistance to Solder Heat
Terminal immersed 3.5 s in molten solder at 1/8" to 3/16" from body
± (1.0 % + 0.05
) R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com