Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CS22
Description  Single Value Wirebondable Thin Film Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS22 Datasheet(HTML) 1 Page - Vishay Siliconix

  CS22_15 Datasheet HTML 1Page - Vishay Siliconix CS22_15 Datasheet HTML 2Page - Vishay Siliconix CS22_15 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CS22
www.vishay.com
Vishay Sfernice
Revision: 21-Nov-13
1
Document Number: 60063
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Single Value Wirebondable Thin Film Chip Resistors
Chromium silicon thin film is very well suited to produce high
density and high ohmic value resistor chips. These high
ohmic value chip resistors are available with improved
performances and size when compared to thick film
counterparts.
FEATURES
• Small size 20 mil x 20 mil
• Very high ohmic value up to 10 M
• Aluminum or gold terminations
• Good stability 0.1 % (2000 h, rated power at
+ 70 °C)
• Wirebondable
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
SCHEMATIC AND PATTERN
Note
(1) Higher on Al2O3
Note
• Customer can get one or the other part, but positions of pads are similar.
Actual Size
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE
RATED POWER
P70 °C
W
LIMITING ELEMENT
VOLTAGE
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
CS22
0202
10K to 10M
0.05
100 (1)
0.5, 1, 2
50, 100
R
CLIMATIC SPECIFICATIONS
Operating temperature
range
- 55 °C to + 155 °C
Storage temperature range
- 55 °C to + 155 °C
MECHANICAL SPECIFICATIONS
Resistive element
Chromium silicon
Passivation
Silicon nitride
Substrate material
Silicon (consult Vishay for Al2O3)
Bonding pads
Aluminum or gold
DIMENSIONS in millimeters (inches)
0.58 ± 0.05
(23 ± 2)
0.43
(17.2)
0.58 ± 0.05
(23 ± 2)
0.43
(17.2)
0.08 min.
(3.2 min.)
0.08 min.
(3.2 min.)
0.58 ± 0.05
(23 ± 2)
0.47
(18.8)
0.58 ± 0.05
(23 ± 2)
0.47
(18.8)
0.10 min.
(4 min.)
0.125 min.
(5 min.)
Type A (Current)
Type B (New)


Similar Part No. - CS22_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS22-100KD0016 VISHAY-CS22-100KD0016 Datasheet
84Kb / 3P
Single Value Chip Resistor
21-Nov-13
CS22-100KF0016 VISHAY-CS22-100KF0016 Datasheet
84Kb / 3P
Single Value Chip Resistor
21-Nov-13
CS22-100KG0016 VISHAY-CS22-100KG0016 Datasheet
84Kb / 3P
Single Value Chip Resistor
21-Nov-13
CS22-100MD0016 VISHAY-CS22-100MD0016 Datasheet
84Kb / 3P
Single Value Chip Resistor
21-Nov-13
CS22-100MF0016 VISHAY-CS22-100MF0016 Datasheet
84Kb / 3P
Single Value Chip Resistor
21-Nov-13
More results

Similar Description - CS22_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
Thin Film Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
Thin Film Chip Resistors
logo
Vishay Siliconix
NCSERIES VISHAY-NCSERIES_15 Datasheet
93Kb / 4P
Thin Film Single Value Chip and Wire Capacitors
02-May-13
RMK55N VISHAY-RMK55N_15 Datasheet
88Kb / 4P
Wirebondable High Precision Single Value Thin Film Chip Resistors
26-Mar-13
RSK22N VISHAY-RSK22N_15 Datasheet
73Kb / 3P
Precision Wirebondable Single Value Thin Film Chip Resistor
11-Nov-15
SA VISHAY-SA_15 Datasheet
82Kb / 3P
Current Sensing Wirebondable Thin Film Chip Resistors
13-Mar-15
logo
M-System Co.,Ltd.
NCAA MSYSTEM-NCAA Datasheet
98Kb / 4P
Thin Film Single Value Chip and Wire Capacitors
logo
Vishay Siliconix
NC VISHAY-NC Datasheet
97Kb / 4P
Thin Film Single Value Chip and Wire Capacitors
08-Apr-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com