Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CS22
Description  Single Value Wirebondable Thin Film Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS22 Datasheet(HTML) 2 Page - Vishay Siliconix

  CS22_15 Datasheet HTML 1Page - Vishay Siliconix CS22_15 Datasheet HTML 2Page - Vishay Siliconix CS22_15 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS22
www.vishay.com
Vishay Sfernice
Revision: 21-Nov-13
2
Document Number: 60063
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING
DIMENSIONS in millimeters (inches)
TECHNICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Stability
± 0.1 % typical, ± 0.2 maximum
2000 h at + 70 °C at Pn
Noise
< - 20 dB typical
MIL-STD-202 method 308
Thermal EMF
< 0.01 μV/°C
Shelf life stability
200 ppm
1 year at + 25 °C
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CS22-100KD0016 (preferred part number format)
GLOBAL MODEL
VALUE
TOLERANCE
TERMINATIONS
OPTION
Decimal
R, K or M
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
Blank = Aluminum
G = Gold
Leave blank
if no option
Historical Part Number example: CS22 150K 0.5 % R0016 (will continue to be accepted)
CS22
150K
0.5 %
R0016
HISTORICAL MODEL
VALUE
TOLERANCE
OPTION
0.4 max.
(15.75 max.)
0
255075
100
125
150
175
0
20
40
60
80
100
Ambient Temperature in °C
-
100
K
D
0
6
2
C
2
S
01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com