Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2B455 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # 2B455
Description  VCSEL Laser Diode(Datacom)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

2B455 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  2B455 Datasheet HTML 1Page - Mitel Networks Corporation 2B455 Datasheet HTML 2Page - Mitel Networks Corporation 2B455 Datasheet HTML 3Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT INFORMATION
Europe: Tel (46) 8 58 02 45 00
Fax (46) 8 58 02 01 10
Tel (44) 1291 436180
Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909
Asia:
Tel (65) 293 5312
Fax (65) 293 8527
840nm
2B455
VCSEL Laser Diode
PRODUCT INFORMATION
Datacom
13590.11 1999-04-01
14
Ø2.55
Ø4.7
5.47
2.5
0.4
VCSEL
Anode
VCSEL Cathode
MONITOR Anode
BOTTOM VIEW
MONITOR
Cathode
CASE NOT CONNECTED
TO-46 Package With Flat Window
Optical and Electrical Characteristics (25°C Case Temperature)
Thermal Characteristics
Absolute Maximum Ratings
PARAMETER
SYMBOL
LIMIT
Storage Temperature
Tstg
-55 to +125 C
Operating Temperature (derating: Fig.4)
Top
0 to +70 C
Electrical Power Dissipation (derating: Fig.4)
Ptot
35 mW
Continuous Forward Current (f 10 kHz)
IF
15 mA
Peak Forward Current (duty cycle 50%, f 1 MHz)
IFRM
25 mA
VCSEL Reverse Voltage
VR
1.5 V
Soldering Temperature (2mm from the case for 10 sec)
Tsld
260 C
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance - Infinite Heat Sink
Rthjc
500
C/W
Thermal Resistance - No Heat Sink
Rthja
800
C/W
Temp. Coefficient -Wavelength
d /dTj
0.06
nm/ C
Optical Power - Variation 0 to 70 C
P
0.7
dB
Threshold Current - Variation 0 to 70 C
Ith
0.6
mA
This Vertical Cavity Surface-
Emitting Laser is designed for Fibre
Channel, Gigabit Ethernet, ATM and
general applications. It incorporates a
photodiode to monitor the optical
power and allow for feedback control.
Note 1: Fiber: 50/125 Graded Index, NA=0.2 or 62.5/125 Graded Index, NA=0.275. An external glass
ball lens with 2 mm diameter is required.
WARNING: Laser Radiation, avoid exposure
to beam. Class 3B laser product, potential
eye hazard. Warning labels in each box.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Fiber-Coupled Power
Pfiber
1.3
mW
IF=12mA (Note 1)
Optical Power
Po
0.9
1.7
3.0
mW
IF=12mA
Slope Efficiency
200
mW/A IF=12mA
(dPo/dIF)
Beam Divergence
15
deg
Full Width at 1/e2
Bandwidth
fc
2
GHz
IF=12mA
(3dBel)
Peak Wavelength
p
830
840
860
nm
IF=12mA
Spectral Width (FWHM)
0.5
1
nm
IF=12mA
Forward Voltage (Fig.5)
VF
1.9
2.2
V
IF=12mA
Threshold Current
Ith
3.5
6
mA
Monitor Current
Im
20
30
A
IF=12mA, VR>1V
Monitor Dark Current
Id
30
nA
VR=5V
Relative Intensity Noise
RIN
-130
dB/Hz IF=12mA, f=1 GHz


Similar Part No. - 2B455

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
2B454 MITEL-2B454 Datasheet
189Kb / 10P
VCSEL Laser Diode(Datacom)
More results

Similar Description - 2B455

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A440 MITEL-1A440 Datasheet
45Kb / 3P
VCSEL Laser Diode(Datacom, General Purpose)
1A444 MITEL-1A444 Datasheet
188Kb / 10P
VCSEL Laser Diode(Datacom, General Purpose)
1A448 MITEL-1A448 Datasheet
188Kb / 10P
VCSEL Laser Diode(Datacom)
2B454 MITEL-2B454 Datasheet
189Kb / 10P
VCSEL Laser Diode(Datacom)
4D469 MITEL-4D469 Datasheet
74Kb / 3P
VCSEL Array(Parallel Datacom, Telecom)
logo
Zarlink Semiconductor I...
ZL60005 ZARLINK-ZL60005 Datasheet
250Kb / 5P
VCSEL Laser Diode
logo
M/A-COM Technology Solu...
SCW1301F-050FCR MA-COM-SCW1301F-050FCR Datasheet
195Kb / 2P
Telecom / Datacom Laser Modules
logo
OSRAM GmbH
V105C121A-940 OSRAM-V105C121A-940 Datasheet
1,008Kb / 17P
VCSEL pulsed laser in small footprint ceramic with power monitor diode
V105C131A-940 OSRAM-V105C131A-940 Datasheet
1,007Kb / 17P
VCSEL pulsed laser in small footprint ceramic with power monitor diode
V105C141A-940 OSRAM-V105C141A-940 Datasheet
1,009Kb / 17P
VCSEL pulsed laser in small footprint ceramic with power monitor diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com