Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2B455 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # 2B455
Description  VCSEL Laser Diode(Datacom)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

2B455 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  2B455 Datasheet HTML 1Page - Mitel Networks Corporation 2B455 Datasheet HTML 2Page - Mitel Networks Corporation 2B455 Datasheet HTML 3Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
+10
-10
0
+15
+5
-5
-15
0
50
%
100
EMISSION ANGLE
FIGURE 4
FUNCTIONAL SCHEMATIC
Functional Schematic
VCSEL CATHODE
COMMON WITH
MONITOR ANODE
VCSEL ANODE
MONITOR CATHODE
VCSEL
MONITOR
INFINITE
HEAT SINK
NO HEAT SINK
FIGURE 5
100 C
80
60
40
20
0
mW
50
40
30
20
10
0
OPERATING TEMPERATURE
If vs Vf
FORWARD VOLTAGE
mA
20
10
0
0
1
2
3V
FIGURE 1
100 C
80
60
40
20
0
%
120
100
80
60
40
20
OPERATING TEMPERATURE
FIGURE 2
100 C
80
60
40
20
0
%
120
100
80
60
40
20
OPERATING TEMPERATURE
FIGURE 3
FORWARD CURRENT
20 mA
16
12
8
4
0
%
100
80
60
40
20
0
Pel vs T
Po vs
U
Po vs T
Ith vs T
Po vs If
840nm
2B455
VCSEL Laser Diode



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com