Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTO25 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DTO25
Description  Surface Mounted Power Resistor Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DTO25 Datasheet(HTML) 3 Page - Vishay Siliconix

  DTO25 Datasheet HTML 1Page - Vishay Siliconix DTO25 Datasheet HTML 2Page - Vishay Siliconix DTO25 Datasheet HTML 3Page - Vishay Siliconix DTO25 Datasheet HTML 4Page - Vishay Siliconix DTO25 Datasheet HTML 5Page - Vishay Siliconix DTO25 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DTO25
www.vishay.com
Vishay Sfernice
Revision: 23-Sep-15
3
Document Number: 51054
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER RATING
The temperature of the case should be maintained within the limits specified.
CHOICE OF THE BOARD
The user must choose the board according to the working conditions of the component (power, room temperature). Maximum
working temperature must not exceed 150 °C. The dissipated power is simply calculated by the following ratio:
P:
Expressed in W
ΔT:
Difference between maximum working temperature and room temperature
RTH (j - c): Thermal resistance value measured between resistive layer and outer side of the resistor. It is the thermal resistance
of the component: 5 °C/W.
RTH (c - h): Thermal resistance value measured between outer side of the resistor and upper side of the board. This is the thermal
resistance of the solder layer.
RTH (h - a): Thermal resistance of the board.
Example:
RTH (c - h) + RTH (h - a) for DTO25 power rating 3 W at ambient temperature +25 °C.
Thermal resistance RTH (j - c): 5 °C/W
Considering equation (1) we have:
ΔT = 150 °C - 25 °C = 125 °C
RTH (j - c) + RTH (c - h) + RTH (h - a) =
ΔT/P = 125/3 = 41.7 °C/W
RTH (c - h) + RTH (h - a) = 41.7 °C/W - 5 °C/W = 36.7 °C/W
ACCIDENTAL OVERLOAD
In any case the applied voltage must be lower than the maximum overload voltage of Us = 300 V. The values indicated on the
graph below are applicable to resistors onto a board.
ENERGY CURVE at 25 °C
POWER CURVE at 25 °C
50
25
0
100
CASE TEMPERATURE IN °C
80
60
40
20
0
100
150
200
P
ΔT
R
TH (j - c)
R
TH (c - h)
R
TH (h - a)
++
-------------------------------------------------------------------------------------------
1
()
=
0.001
0.01
0.1
1
10
100
OVERLOAD DURATION IN s
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
OVERLOAD DURATION IN s
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
1000
10 000
100 000
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com