Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTO25 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DTO25
Description  Surface Mounted Power Resistor Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DTO25 Datasheet(HTML) 4 Page - Vishay Siliconix

  DTO25 Datasheet HTML 1Page - Vishay Siliconix DTO25 Datasheet HTML 2Page - Vishay Siliconix DTO25 Datasheet HTML 3Page - Vishay Siliconix DTO25 Datasheet HTML 4Page - Vishay Siliconix DTO25 Datasheet HTML 5Page - Vishay Siliconix DTO25 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DTO25
www.vishay.com
Vishay Sfernice
Revision: 23-Sep-15
4
Document Number: 51054
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Single Pulse:
These informations are for a single pulse on a cold resistor at 25 °C (not already used for a dissipation) and for pulses of
100 ms maximum duration.
The formula used to calculate E is:
with:
E (J): Pulse energy
P (W): Pulse power
t (s): Pulse duration
U (V): Pulse voltage
R (Ω): Resistor
The energy calculated must be less than that allowed by the graph.
Repetitive or Superimposed Pulses:
The following formula is used to calculate the “equivalent“ energy of a repetitive pulse or the “equivalent energy“ of a pulse on
a resistor that is already dissipating power.
with:
Ec (J): Equivalent pulse energy
E (J): Known pulse energy
P
r: Resistor power rating
P
a: Mean power being dissipated
The energy calculated must be less than that allowed by the graph and the average power dissipated (Pa) must not exceed the
continuous power of resistor.
PACKAGING
• Tube: max. 50 units per tube
• Reel: max. 500 units per reel
MARKING
Model, style, resistance value (in
Ω), tolerance (in %), manufacturing date, Vishay Sfernice trademark.
E
P x t
U
2
R
--------
x t
==
E
c
E x 1
P
a
P
r
------
+


=
5.2
0.8
1.6
0.9
14.5
0.8
0.5
8.7
3
1
17°
R 0.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com