Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # FP
Description  Metal Film Resistors, Industrial, Flameproof
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FP Datasheet(HTML) 4 Page - Vishay Siliconix

  FP Datasheet HTML 1Page - Vishay Siliconix FP Datasheet HTML 2Page - Vishay Siliconix FP Datasheet HTML 3Page - Vishay Siliconix FP Datasheet HTML 4Page - Vishay Siliconix FP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
End of Life - August 2013
FP
www.vishay.com
Vishay Dale
Revision: 01-Feb-13
4
Document Number: 31020
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE
TEST
MAXIMUM
R (TYPICAL TEST LOTS) ± %
FP01/2
FP0001 FP0032 FP0002 FP0042 FP0003 FP0004 FP0005 FP0007 FP0010 FP0067 FP0069
Short Time Overload
0.5
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
Low Temperature
Operation
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.25
0.25
Moisture Resistance
1.0
1.5
1.5
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
Shock
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
Vibration
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
Temperature Cycle
1.0
1.0
1.0
0.5
1.0
1.0
1.0
1.0
1.0
1.0
1.0
0.5
Load Life
(1000 h Rated
Conditions)
1.0
2.0
2.0
5.0
2.0
5.0
5.0
5.0
5.0
5.0
5.0
3.0
Terminal Strength
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
Dielectric
Withstanding
Voltage
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.25
0.25
Effect Solder Heat
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.25
0.25
PACKAGING
GLOBAL MODEL
PACKAGING TYPE
PACKAGING CODE
LEAD (Pb)-BEARING
LEAD (Pb)-FREE
FP01/2, FP0001, FP0032, FP0069
Strip
B8
EK
Tape/reel
CJ
EA
FP0002, FP0003, FP0042, FP0067
Strip
B8
EK
Tape/reel
CH
EA
FP0004
Lacer
LB
EL
Tape/reel
G1
EA
FP0005, FP0007, FP0010
Lacer
LB
EL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com