Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FP
Description  Metal Film Resistors, Industrial, Flameproof
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FP Datasheet(HTML) 1 Page - Vishay Siliconix

  FP Datasheet HTML 1Page - Vishay Siliconix FP Datasheet HTML 2Page - Vishay Siliconix FP Datasheet HTML 3Page - Vishay Siliconix FP Datasheet HTML 4Page - Vishay Siliconix FP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
End of Life - August 2013
FP
www.vishay.com
Vishay Dale
Revision: 01-Feb-13
1
Document Number: 31020
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Metal Film Resistors, Industrial, Flameproof
FEATURES
• Small physical size
• Low cost
• FP resistors have the ability to withstand
overloads up to 100 times rated power
without any trace of flame
• Exceptional frequency characteristics
• Especially suited for circuitry where functions,
environments and duty cycles demand power
resistors
• Electroplated tin-lead or lead (Pb)-free solder finish leads
• Tighter tolerances available on request
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* Lead (Pb)-containing terminations are not RoHS-compliant.
Exemptions may apply.
Notes
(1) Continuous working voltage shall be
or maximum working voltage, whichever is less.
(2) Contact factory for values outside these published range.
Notes
(3) Some packaging codes are model specific.
(4) For additional information on packaging, refer to the Through Hole Resistor Packaging document (www.vishay.com/doc?31544).
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER
RATING
P25 °C
W
POWER
RATING
P40 °C
W
POWER
RATING
P70 °C
W
MAXIMUM
WORKING
VOLTAGE (1)
V
RESISTANCE
RANGE (2)
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
FP01/2
FP1/2
-
-
0.5
350
10 to 1M
1, 2, 5, 10
150
FP0001
FP1
-
-
1
500
10 to 1M
1, 2, 5, 10
150
FP0032
FP32
-
-
1
500
10 to 1M
1, 2, 5, 10
150
FP0002
FP2
3.5
3
2
500
25 to 125K
1, 2, 5, 10
150
FP0042
FP42
-
-
2
500
25 to 125K
1, 2, 5, 10
150
FP0003
FP3
4
4
3
500
22 to 125K
1, 2, 5, 10
150
FP0004
FP4
5.5
5
4
500
70 to 125K
1, 2, 5, 10
150
FP0005
FP5
6.5
6
5
600
70 to 125K
1, 2, 5, 10
150
FP0007
FP7
7.5
-
7
700
25 to 125K
1, 2, 5, 10
150
FP0010
FP10
-
10
-
700
25 to 125K
1, 2, 5, 10
150
FP0067
FP67
5
-
-
500
35 to 19K
1, 2, 5, 10
150
FP0069
FP69
3
-
2
500
25 to 126K
1, 2, 5, 10
150
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: FP000251K1F9251B8 (preferred part numbering format)
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
SPEC CODES
PACKAGING (3)
(See Standard
Electrical
Specifications
table)
R =
K = k
M = M
10R0 = 10
1K30 = 1.3 k
1M00 = 1.0 M
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
(See Spec
Codes table)
EK = Lead (Pb)-free, strip
EL = Lead (Pb)-free, lacer
EA = Lead (Pb)-free, T/R
B8 = Tin/lead, strip
LB = Tin/lead, lacer
CH = Tin/lead, T/R (750 pieces)
CJ = Tin/lead, T/R (1000 pieces)
G1 = Tin/lead, T/R (600 pieces)
Historical Part Number: FP2 5112 F B8 (will continue to be accepted)
FP2
5112
F
B8
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
P x R
0025
K
F
9
1
P0
51
B
2
F
8
1


Similar Description - FP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF02 VISHAY-CCF02 Datasheet
272Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
02-Feb-06
logo
Welwyn Components Limit...
FA025 WELWYN-FA025 Datasheet
93Kb / 2P
Flameproof Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
FLAMEPROOF POWER METAL FILM RESISTORS
logo
Vishay Siliconix
CPF21K2000FKE14 VISHAY-CPF21K2000FKE14 Datasheet
242Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
05-Oct-05
CPF210K000FKE14 VISHAY-CPF210K000FKE14 Datasheet
128Kb / 4P
Metal Film Resistors, Industrial Power, Precision, Flameproof
19-Nov-12
CPF350R000FKE36 VISHAY-CPF350R000FKE36 Datasheet
99Kb / 3P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Mar-10
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
Flameproof Power Metal Film Resistors
logo
Vishay Siliconix
CCF02 VISHAY-CCF02_15 Datasheet
144Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
15-Nov-12
CPF VISHAY-CPF Datasheet
98Kb / 4P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Sep-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com