Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8C443 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # 8C443
Description  PIN/Preamp(Datacom, Telecom)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

8C443 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  8C443 Datasheet HTML 1Page - Mitel Networks Corporation 8C443 Datasheet HTML 2Page - Mitel Networks Corporation 8C443 Datasheet HTML 3Page - Mitel Networks Corporation 8C443 Datasheet HTML 4Page - Mitel Networks Corporation 8C443 Datasheet HTML 5Page - Mitel Networks Corporation 8C443 Datasheet HTML 6Page - Mitel Networks Corporation 8C443 Datasheet HTML 7Page - Mitel Networks Corporation 8C443 Datasheet HTML 8Page - Mitel Networks Corporation 8C443 Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT INFORMATION
Europe: Tel (46) 8 58 02 45 00
Fax (46) 8 58 02 01 10
Tel (44) 1291 436180
Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909
Asia:
Tel (65) 293 5312
Fax (65) 293 8527
Absolute Maximum Ratings
8C443
PIN/Preamp
Datacom, Telecom
0.6
14
Ø1.5
Ø4.7
3.7
5.4
2.5
0.4
VDD
DATA OUT
____
DATA OUT
BOTTOM VIEW
CASE,
VSS
TO-46 Package With Lens
This device consists of a PIN photo-
diode and a transimpedance amplifier
assembled in a TO-46 package. It is
designed for FDDI, ATM and
SDH/Sonet up to 155 Mbps. The
AGC (Automatic Gain Control)
ensures a wide dynamic range. Its
double-lens optical system is
designed for single-mode fiber as
well as for multimode fiber with core
diameter up to 62.5µm.
Operating Conditions: See table below. Fiber: Single-mode to multimode 62.5/125
µm.
Note 1:
Pf =1 µW average power at 10MHz/50% duty cycle.
13451.11 1998-02-04
PARAMETER
SYMBOL
MiN.
MAX.
UNIT
Supply Voltage
VDD-VSS
0
6.0
V
Operating Temperature
Top
-40
85
°C
Storage Temperature
Tstg
-55
125
°C
Functional schematic
V
DD
V
SS
Optical and Electrical Characteristics (25°C Case Temperature)
Data out
____
Data out
1300nm
1550nm
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD-VSS
4.5
5.0
5.25
V
Output Differential Load
RL
13
k
PRELIMINAR
Y/
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Responsivity, single ended
R
100
kV/W
=1300 nm
differential
200
Note 1
Output Voltage
Vo
1.2
V
(differential, peak to peak)
Bandwidth
fc
140
MHz
Pf =1 µW
(3 dBel )
Noise-Equivalent Power
NEP
15
nW
=1300 nm
Sensitivity (BER 10-9)
S
-39
dBm
=1300 nm
Extinction Ratio=0
Dynamic Range
36
40
dB
Output Resistance
Ro
50
(differential)
Power Supply Current
IDD
32
40
mA


Similar Part No. - 8C443

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
8C447 MITEL-8C447 Datasheet
182Kb / 9P
PIN/Preamp(Datacom, General Purpose, Analog Applications)
8C449 MITEL-8C449 Datasheet
182Kb / 9P
PIN/Preamp(Datacom, General Purpose, Analog Applications)
More results

Similar Description - 8C443

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A358 MITEL-1A358 Datasheet
190Kb / 10P
High-Performance PIN(Datacom, Telecom, General Purpose)
4D469 MITEL-4D469 Datasheet
74Kb / 3P
VCSEL Array(Parallel Datacom, Telecom)
4D470 MITEL-4D470 Datasheet
73Kb / 3P
PIN Array(Parallel Datacom, Telecom)
8C447 MITEL-8C447 Datasheet
182Kb / 9P
PIN/Preamp(Datacom, General Purpose, Analog Applications)
8C449 MITEL-8C449 Datasheet
182Kb / 9P
PIN/Preamp(Datacom, General Purpose, Analog Applications)
MF431 MITEL-MF431 Datasheet
137Kb / 5P
Datacom, Telecom, General Purpose LED
MF432 MITEL-MF432 Datasheet
205Kb / 7P
Datacom, Telecom, General Purpose PIN Photodiodes
logo
STMicroelectronics
MF430 STMICROELECTRONICS-MF430 Datasheet
133Kb / 4P
Datacom, Telecom, General Purpose LED
1997-04-01
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
InGaAs-PIN/Preamp Preamp
logo
M/A-COM Technology Solu...
SCW1301F-050FCR MA-COM-SCW1301F-050FCR Datasheet
195Kb / 2P
Telecom / Datacom Laser Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com