Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF431 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MF431
Description  Datacom, Telecom, General Purpose LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MF431 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MF431 Datasheet HTML 1Page - Mitel Networks Corporation MF431 Datasheet HTML 2Page - Mitel Networks Corporation MF431 Datasheet HTML 3Page - Mitel Networks Corporation MF431 Datasheet HTML 4Page - Mitel Networks Corporation MF431 Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
11
Thermal Characteristics
Units
˚C/W
˚C/W
%/˚C
nm/˚C
Max.
200
300
Min.
Typ.
-0.75
0.45
Symbol
Rthjc
Rthjb
dP/dTj
∆
λ/dT
j
Parameter
Thermal Resistance - Infinite Heat Sink
Thermal Resistance - On PCB
Temperature Coefficient - Optical Power
Temperature Coefficient - Wavelength
Optical & Electrical Characteristics (Case Temperature -25 to +70˚C)
Units
dBm
ns
MHz
nm
nm
V
µA
pF
Test Conditions
IPeak=60mA (Note 1, 2)
IF=60mA (Note 2, 3)
IF=60mA (Note 2)
IF=60mA (Note 3)
IF=60mA (Note 3)
IF=60mA
VR=1V
VR=0V, f=1MHz
Max.
2.5
1355
170
1.65
100
Min.
-19
1285
Typ.
2.0
125
1320
135
1.3
200
Symbol
Pfiber
tr tf
fc
λp
∆
λ
VF
IR
C
Parameter
Fiber-Coupled-Power (Fig 1, 2, 3)
Rise & Fall Time (10-90%, no bias)
Bandwidth (3dBel)
Peak Wavelength
Spectral Width (FWHM)
Forward Voltage (Fig 5)
Reverse Current
Capacitance
Note 1: Average power at 10MHz/50% duty cycle. Measured at the exit of 100m of fiber.
Note 2: 62.5/125µm graded index fiber (NA = 0.275).
Note 3: Meets the FDDI ANSI X3T9.5 specification for FDDI.
Absolute Maximum Ratings*
Units
°C
°C
mW
mA
mA
V
°C
Max.
+85
+85
160
80
130
0.5
260
Min.
-40
-40
Symbol
Tstg
Top
Ptot
IF
IFRM
VR
Tsld
Parameter
Storage Temperature
Operating Temperature (Fig 4)
Electrical Power Dissipation (Fig 4)
Continuous Forward Current (f
≤10kHz)
Peak Forward Current (duty cycle
≤50%, f≥1MHz)
Reverse Voltage
Soldering Temperature (Note 1)
*Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
Note 1: 2mm from the case for 10s.
Datacom, Telecom, General Purpose LED
MF431



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com